Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570GM100C Datasheet(PDF) 53 Page - Altera Corporation

Part # EPM570GM100C
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570GM100C Datasheet(HTML) 53 Page - Altera Corporation

Back Button EPM570GM100C Datasheet HTML 49Page - Altera Corporation EPM570GM100C Datasheet HTML 50Page - Altera Corporation EPM570GM100C Datasheet HTML 51Page - Altera Corporation EPM570GM100C Datasheet HTML 52Page - Altera Corporation EPM570GM100C Datasheet HTML 53Page - Altera Corporation EPM570GM100C Datasheet HTML 54Page - Altera Corporation EPM570GM100C Datasheet HTML 55Page - Altera Corporation EPM570GM100C Datasheet HTML 56Page - Altera Corporation EPM570GM100C Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Chapter 4: Hot Socketing and Power-On Reset in MAX II Devices
4–3
Hot Socketing Feature Implementation in MAX II Devices
© October 2008
Altera Corporation
MAX II Device Handbook
1 Make sure that the V
CCINT is within the recommended operating range even though
SRAM download has completed.
Each I/O and clock pin has the circuitry shown in Figure 4–1.
The POR circuit monitors VCCINT and VCCIO voltage levels and keeps I/O pins tri-stated
until the device has completed its flash memory configuration of the SRAM logic. The
weak pull-up resistor (R) from the I/O pin to VCCIO is enabled during download to
keep the I/O pins from floating. The 3.3-V tolerance control circuit permits the I/O
pins to be driven by 3.3 V before VCCIO and/or VCCINT are powered, and it prevents the
I/O pins from driving out when the device is not fully powered or operational. The
hot socket circuit prevents I/O pins from internally powering VCCIO and VCCINT when
driven by external signals before the device is powered.
f For information about 5.0-V tolerance, refer to the Using MAX II Devices in Multi-
Voltage Systems chapter in the MAX II Device Handbook.
Figure 4–2 shows a transistor-level cross section of the MAX II device I/O buffers.
This design ensures that the output buffers do not drive when VCCIO is powered before
VCCINT or if the I/O pad voltage is higher than VCCIO. This also applies for sudden
voltage spikes during hot insertion. The VPAD leakage current charges the 3.3-V
tolerant circuit capacitance.
Figure 4–1. Hot Socketing Circuit Block Diagram for MAX II Devices
Output Enable
V
CCIO
Hot Socket
Voltage
Tolerance
Control
Power On
Reset
Monitor
Weak
Pull-Up
Resistor
PAD
Input Buffer
to Logic Array


Similar Part No. - EPM570GM100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570GM100C3ES ALTERA-EPM570GM100C3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GM100C3N ALTERA-EPM570GM100C3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GM100C4ES ALTERA-EPM570GM100C4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GM100C4N ALTERA-EPM570GM100C4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GM100C5ES ALTERA-EPM570GM100C5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM570GM100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com