Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74165 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74165
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74165 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74165 Datasheet HTML 5Page - Texas Instruments SN74165 Datasheet HTML 6Page - Texas Instruments SN74165 Datasheet HTML 7Page - Texas Instruments SN74165 Datasheet HTML 8Page - Texas Instruments SN74165 Datasheet HTML 9Page - Texas Instruments SN74165 Datasheet HTML 10Page - Texas Instruments SN74165 Datasheet HTML 11Page - Texas Instruments SN74165 Datasheet HTML 12Page - Texas Instruments SN74165 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54LS/ 74LS DEVICES
tPHL
tPLH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
High-Level
Pulse
Low-Level
Pulse
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note D)
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note D)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT
FOR 2-STATE TOTEM-POLE OUTPUTS
(see Note B)
VCC
RL
From Output
Under Test
CL
(see Note A)
Test
Point
(see Note B)
VCC
RL
From Output
Under Test
CL
(see Note A)
Test
Point
5 k
NOTES: A. CL includes probe and jig capacitance.
B. All diodes are 1N3064 or equivalent.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. S1 and S2 are closed for tPLH, tPHL, tPHZ, and tPLZ; S1 is open and S2 is closed for tPZH; S1 is closed and S2 is open for tPZL.
E. Phase relationships between inputs and outputs have been chosen arbitrarily for these examples.
F. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50 Ω, tr ≤ 1.5 ns, tf ≤ 2.6 ns.
G. The outputs are measured one at a time with one input transition per measurement.
S1
S2
tPHZ
tPLZ
tPZL
tPZH
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
3 V
0 V
Output
Control
(low-level
enabling)
Waveform 1
(see Notes C
and D)
Waveform 2
(see Notes C
and D)
≈1.5 V
VOH – 0.5 V
VOL + 0.5 V
≈1.5 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tw
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
VOL
VOH
Figure 2. Load Circuits and Voltage Waveforms
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.


Similar Part No. - SN74165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74165 TI-SN74165 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74165 TI1-SN74165 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74165N TI-SN74165N Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN74165N TI1-SN74165N Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN74165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com