Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1201A4HQEA Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # 1201A4HQEA
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

1201A4HQEA Datasheet(HTML) 2 Page - CIT Relay & Switch

  1201A4HQEA Datasheet HTML 1Page - CIT Relay & Switch 1201A4HQEA Datasheet HTML 2Page - CIT Relay & Switch 1201A4HQEA Datasheet HTML 3Page - CIT Relay & Switch 1201A4HQEA Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citswitch.com
page
24
phone – 763.535.2339 fax – 763.535.2194
1000
SWITCH FUNCTION
ACTUATOR OPTIONS
** Actuator lengths shown with B, C, D, or S20 Terminals, subtract 0.36mm for H or V terminals.
A1
A2
A3
A4
A7
D1
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
C (Single Pole)
C (Double Pole)
D (Single Pole)
D (Double Pole)
Toggle Position
Function
1
ON
NONE
ON
2
ON
NONE
(ON)
SPDT
3
ON
OFF
ON
Terminals
2-3
---
2-1
Toggle Position
Function
1
ON
NONE
ON
2
ON
NONE
(ON)
DPDT
3
ON
OFF
ON
Terminals
2-3
5-6
---
2-1
5-4


Similar Part No. - 1201A4HQEA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
logo
Schurter Inc.
1201 SCHURTER-1201 Datasheet
308Kb / 3P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1201 SCHURTER-1201 Datasheet
266Kb / 2P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
Sensata Technologies, I...
1201 SENSATA-1201 Datasheet
233Kb / 3P
   ROTARY MOTION | PRECISION SENSOR
logo
Toshiba Semiconductor
1201-000191 TOSHIBA-1201-000191 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 1201A4HQEA

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com