Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3745BEV Datasheet(PDF) 8 Page - Pletronics, Inc.

Part # PE3745BEV
Description  PE3XB Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3745BEV Datasheet(HTML) 8 Page - Pletronics, Inc.

  PE3745BEV Datasheet HTML 1Page - Pletronics, Inc. PE3745BEV Datasheet HTML 2Page - Pletronics, Inc. PE3745BEV Datasheet HTML 3Page - Pletronics, Inc. PE3745BEV Datasheet HTML 4Page - Pletronics, Inc. PE3745BEV Datasheet HTML 5Page - Pletronics, Inc. PE3745BEV Datasheet HTML 6Page - Pletronics, Inc. PE3745BEV Datasheet HTML 7Page - Pletronics, Inc. PE3745BEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PE3XB Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
8
IMPORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and
other changes to this product at anytime. PLE reserves the right to discontinue any product or service
without notice. Customers are responsible for obtaining the latest relevant information before placing
orders and should verify that such information is current and complete. All products are sold subject to
PLE’s terms and conditions of sale supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance
with PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE
deems necessary to support this warranty. Except where mandated by specific contractual documents,
testing of all parameters of each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are
responsible for their products and applications using PLE components. To minimize the risks associated
with the customer products and applications, customers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or systems or other critical applications that may involve potential risks of death,
personal injury or severe property or environmental damage. Inclusion of PLE products in such
applications is understood to be fully at the risk of the customer. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any combination, machine or
process which PLE product or services are used. Information published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a warranty
or endorsement thereof. Use of such information may require a license from a third party under the
patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is
without alteration and is accompanied by associated warranties, conditions, limitations and notices.
Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by
PLE for that product or service voids all express and implied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36
th Ave. West
Fax: 425-776-2760
Lynnwood, WA 98036-5761 USA
E-mail: ple-sales@pletronics.com
URL: www.pletronics.com
Copyright © 2005, 2006, 2007, 2008 Pletronics Inc.


Similar Part No. - PE3745BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3745BEW PLETRONICS-PE3745BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
More results

Similar Description - PE3745BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com