Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3745TV Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # PE3745TV
Description  PE37T Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3745TV Datasheet(HTML) 2 Page - Pletronics, Inc.

  PE3745TV Datasheet HTML 1Page - Pletronics, Inc. PE3745TV Datasheet HTML 2Page - Pletronics, Inc. PE3745TV Datasheet HTML 3Page - Pletronics, Inc. PE3745TV Datasheet HTML 4Page - Pletronics, Inc. PE3745TV Datasheet HTML 5Page - Pletronics, Inc. PE3745TV Datasheet HTML 6Page - Pletronics, Inc. PE3745TV Datasheet HTML 7Page - Pletronics, Inc. PE3745TV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE37T Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
2
Part Number:
PE37
45
T
E
V
- 622.08M
-XX
Part Marking:
PLE
PE37T
FF.FFF M
C YMDXX
or
PE37Tx
FF.FFF M
PLE xx
C YYWWXX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
V = 3.3V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31


Similar Part No. - PE3745TV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3745 PASTERNACK-PE3745 Datasheet
265Kb / 1P
   CABLE ASSEMBLY, RG174A/U, BNC MALE TO SMA MALE
PE37450 PASTERNACK-PE37450 Datasheet
98Kb / 1P
   CABLE ASSEMBLY, RG393/U, 7/16 FEMALE RIGHT ANGLE TO 7/16 MALE
PE37450-12 PASTERNACK-PE37450-12 Datasheet
98Kb / 1P
   CABLE ASSEMBLY, RG393/U, 7/16 FEMALE RIGHT ANGLE TO 7/16 MALE
PE37450-24 PASTERNACK-PE37450-24 Datasheet
98Kb / 1P
   CABLE ASSEMBLY, RG393/U, 7/16 FEMALE RIGHT ANGLE TO 7/16 MALE
PE37450-36 PASTERNACK-PE37450-36 Datasheet
98Kb / 1P
   CABLE ASSEMBLY, RG393/U, 7/16 FEMALE RIGHT ANGLE TO 7/16 MALE
More results

Similar Description - PE3745TV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
   PE93D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com