Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570GF100A Datasheet(PDF) 54 Page - Altera Corporation

Part # EPM570GF100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570GF100A Datasheet(HTML) 54 Page - Altera Corporation

Back Button EPM570GF100A Datasheet HTML 50Page - Altera Corporation EPM570GF100A Datasheet HTML 51Page - Altera Corporation EPM570GF100A Datasheet HTML 52Page - Altera Corporation EPM570GF100A Datasheet HTML 53Page - Altera Corporation EPM570GF100A Datasheet HTML 54Page - Altera Corporation EPM570GF100A Datasheet HTML 55Page - Altera Corporation EPM570GF100A Datasheet HTML 56Page - Altera Corporation EPM570GF100A Datasheet HTML 57Page - Altera Corporation EPM570GF100A Datasheet HTML 58Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
4–4
Chapter 4: Hot Socketing and Power-On Reset in MAX II Devices
Hot Socketing Feature Implementation in MAX II Devices
MAX II Device Handbook
© October 2008
Altera Corporation
The CMOS output drivers in the I/O pins intrinsically provide electrostatic discharge
(ESD) protection. There are two cases to consider for ESD voltage strikes: positive
voltage zap and negative voltage zap.
A positive ESD voltage zap occurs when a positive voltage is present on an I/O pin
due to an ESD charge event. This can cause the N+ (Drain)/ P-Substrate junction of
the N-channel drain to break down and the N+ (Drain)/P-Substrate/N+ (Source)
intrinsic bipolar transistor turn on to discharge ESD current from I/O pin to GND.
The dashed line (see Figure 4–3) shows the ESD current discharge path during a
positive ESD zap.
Figure 4–2. Transistor-Level Diagram of MAX II Device I/O Buffers
p- substrate
p+
p+
n - well
n+
VCCIO
n+
n+
p - well
IOE Signal
VPAD
IOE Signal or the
Larger of VCCIO or VPAD
The Larger of
VCCIO or VPAD
Ensures 3.3-V
Tolerance and
Hot-Socket
Protection
Figure 4–3. ESD Protection During Positive Voltage Zap
I/O
I/O
Gate
Gate
Drain
Drain
PMOS
NMOS
Source
Source
GND
GND
N+
N+
P-Substrate
G
S
D


Similar Part No. - EPM570GF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570GF100A3ES ALTERA-EPM570GF100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A3N ALTERA-EPM570GF100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A4ES ALTERA-EPM570GF100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A4N ALTERA-EPM570GF100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A5ES ALTERA-EPM570GF100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM570GF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com