Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570GF100A Datasheet(PDF) 24 Page - Altera Corporation

Part # EPM570GF100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570GF100A Datasheet(HTML) 24 Page - Altera Corporation

Back Button EPM570GF100A Datasheet HTML 20Page - Altera Corporation EPM570GF100A Datasheet HTML 21Page - Altera Corporation EPM570GF100A Datasheet HTML 22Page - Altera Corporation EPM570GF100A Datasheet HTML 23Page - Altera Corporation EPM570GF100A Datasheet HTML 24Page - Altera Corporation EPM570GF100A Datasheet HTML 25Page - Altera Corporation EPM570GF100A Datasheet HTML 26Page - Altera Corporation EPM570GF100A Datasheet HTML 27Page - Altera Corporation EPM570GF100A Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
2–16
Chapter 2: MAX II Architecture
Global Signals
MAX II Device Handbook
© October 2008
Altera Corporation
The UFM block communicates with the logic array similar to LAB-to-LAB interfaces.
The UFM block connects to row and column interconnects and has local interconnect
regions driven by row and column interconnects. This block also has DirectLink
interconnects for fast connections to and from a neighboring LAB. For more
information about the UFM interface to the logic array, see “User Flash Memory
Block” on page 2–18.
Table 2–2 shows the MAX II device routing scheme.
Global Signals
Each MAX II device has four dual-purpose dedicated clock pins (GCLK[3..0], two
pins on the left side and two pins on the right side) that drive the global clock network
for clocking, as shown in Figure 2–13. These four pins can also be used as general-
purpose I/O if they are not used to drive the global clock network.
The four global clock lines in the global clock network drive throughout the entire
device. The global clock network can provide clocks for all resources within the
device including LEs, LAB local interconnect, IOEs, and the UFM block. The global
clock lines can also be used for global control signals, such as clock enables,
synchronous or asynchronous clears, presets, output enables, or protocol control
signals such as TRDY and IRDY for PCI. Internal logic can drive the global clock
network for internally-generated global clocks and control signals. Figure 2–13 shows
the various sources that drive the global clock network.
Table 2–2. MAX II Device Routing Scheme
Source
Destination
LUT
Chain
Register
Chain
Local
(1)
DirectLink
(1)
R4 (1)
C4 (1)
LE
UFM
Block
Column
IOE
Row
IOE
Fast I/O
(1)
LUT Chain
v
——
Register Chain
v
——
Local
Interconnect
——
vv
v
v
DirectLink
Interconnect
——
v
——
R4 Interconnect
v
vv
——
C4 Interconnect
v
vv
——
LE
vv
v
v
v
v
——
vv
v
UFM Block
vv
v
v
——
Column IOE
v
——
Row IOE
vv
v
——
Note to Table 2–2:
(1) These categories are interconnects.


Similar Part No. - EPM570GF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570GF100A3ES ALTERA-EPM570GF100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A3N ALTERA-EPM570GF100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A4ES ALTERA-EPM570GF100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A4N ALTERA-EPM570GF100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570GF100A5ES ALTERA-EPM570GF100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM570GF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com