Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570F100A Datasheet(PDF) 75 Page - Altera Corporation

Part # EPM570F100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570F100A Datasheet(HTML) 75 Page - Altera Corporation

Back Button EPM570F100A Datasheet HTML 71Page - Altera Corporation EPM570F100A Datasheet HTML 72Page - Altera Corporation EPM570F100A Datasheet HTML 73Page - Altera Corporation EPM570F100A Datasheet HTML 74Page - Altera Corporation EPM570F100A Datasheet HTML 75Page - Altera Corporation EPM570F100A Datasheet HTML 76Page - Altera Corporation EPM570F100A Datasheet HTML 77Page - Altera Corporation EPM570F100A Datasheet HTML 78Page - Altera Corporation EPM570F100A Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Chapter 5: DC and Switching Characteristics
5–17
Timing Model and Specifications
© Novermber 2008
Altera Corporation
MAX II Device Handbook
External Timing Parameters
External timing parameters are specified by device density and speed grade. All
external I/O timing parameters shown are for the 3.3-V LVTTL I/O standard with the
maximum drive strength and fast slew rate. For external I/O timing using standards
other than LVTTL or for different drive strengths, use the I/O standard input and
output delay adders in Table 5–27 through Table 5–28.
f For more information about each external timing parameters symbol, refer to the
Understanding Timing in MAX II Devices chapter in the MAX II Device Handbook.
Figure 5–5. UFM Erase Waveform
Table 5–22. Routing Delay Internal Timing Microparameters
Routing
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
C4
429
556
687
(1)
(1)
ps
t
R4
326
423
521
(1)
(1)
ps
t
LOCAL
330
429
529
(1)
(1)
ps
Note to Table 5–22:
(1) The numbers will only be available in a later revision.
ARShft
ARClk
ARDin
DRShft
DRClk
DRDin
DRDout
Program
Erase
Busy
9 Address Bits
t
ASU
t
ACLK
t
AH
t
ADH
t
ADS
t
EB
t
EPMX
t
OSCS
t
OSCH
OSC_ENA
t
BE


Similar Part No. - EPM570F100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570F100A3ES ALTERA-EPM570F100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570F100A3N ALTERA-EPM570F100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570F100A4ES ALTERA-EPM570F100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570F100A4N ALTERA-EPM570F100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM570F100A5ES ALTERA-EPM570F100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM570F100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com