Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4947G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 1N4947G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4947G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  1N4947G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4947G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
200 to 1000 Volts
1N4942G THRU 1N4948G
CURRENT
1.0 Ampere
FEATURES
Fast switching for high efficiency
Glass passivated chip junction
High current surge capability
Low leakage
High temperature soldering guaranteed
260℃/10 seconds,0.375”(9.5mm)lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.012ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
1N4942G
1N4944G
1N4946G
1N4947G
1N4948G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375″(9.5mm) lead length at TA =55℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
1.3
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 125℃
IR
200
µA
Maximum Reverse Recovery Time(NOTE 3)
trr
150
250
500
nS
Typical Junction Capacitance (NOTE 1)
CJ
15
pF
Typical Thermal Resistance (NOTE 2)
RθJA
50
/W
Operating Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal Resistance from Junction to Ambient at.375″(9.5mm) lead length, P.C board mounted.
3. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Dimensions in inches and (millimeters)
DO-41


Similar Part No. - 1N4947G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4947G RECTRON-1N4947G Datasheet
26Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Bytes
1N4947G BYTES-1N4947G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Formosa MS
1N4947G FORMOSA-1N4947G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N4947G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
   Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G MIC-FR101G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR151G ETC2-FR151G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com