Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT36 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # ANT36
Description  CIT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANT36 Datasheet(HTML) 1 Page - CIT Relay & Switch

  ANT36 Datasheet HTML 1Page - CIT Relay & Switch ANT36 Datasheet HTML 2Page - CIT Relay & Switch ANT36 Datasheet HTML 3Page - CIT Relay & Switch ANT36 Datasheet HTML 4Page - CIT Relay & Switch ANT36 Datasheet HTML 5Page - CIT Relay & Switch ANT36 Datasheet HTML 6Page - CIT Relay & Switch ANT36 Datasheet HTML 7Page - CIT Relay & Switch ANT36 Datasheet HTML 8Page - CIT Relay & Switch ANT36 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.citswitch.com
page
115
phone – 763.535.2339 fax – 763.535.2194
Wide variety of applications from
consumer electronics to commercial
Standard epoxy sealed terminations
Gold contacts available for low power applications
Available support brackets for greater stability
Up to four poles with seven functions available
Anti-rotation feature on flat toggles
High torque bushing prevents separation
from frame during installation
Wide variety of terminal options
SPECIFICATIONS
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC
See Contact Options
Electrical Life
50,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
Brass, Chrome Plated
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Bushing
Brass, Nickel Plated
Bracket
Brass, Tin Plated
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ANT
- E222871


Similar Part No. - ANT36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
   SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT3-M24LR04E STMICROELECTRONICS-ANT3-M24LR04E Datasheet
88Kb / 4P
   M24LR04E-R Dual Interface EEPROM
logo
YAGEO Corporation
ANT3216A063R2400A YAGEO-ANT3216A063R2400A Datasheet
607Kb / 6P
   Ceramic Chip Antenna
logo
Microchip Technology
ANT3216A063R2400A MICROCHIP-ANT3216A063R2400A Datasheet
3Mb / 60P
   Bluetooth® Dual-Mode Module
2016-2019
logo
YAGEO Corporation
ANT3216A063R2455A YAGEO-ANT3216A063R2455A Datasheet
523Kb / 6P
   WIRELESS COMPONENTS
More results

Similar Description - ANT36

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com