Electronic Components Datasheet Search |
|
SKY77182 Datasheet(PDF) 3 Page - Skyworks Solutions Inc. |
|
SKY77182 Datasheet(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 11 page SKY77182 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA DATA SHEET (1920–1980 MHz) Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200850A • Skyworks Proprietary and Confidential Information. • Products and product Information are subject to change without notice. • February 14, 2008 3 Table 3. SKY77182 Electrical Specifications for WCDMA — Recommended Operating Conditions 1 Refer to Table 4. Standard Test Configuration — WCDMA Voice Mode (Uplink Reference Measurement Channel: 12.2 kbps) Characteristics Symbol Condition Minimum Typical Maximum Unit High Power GHIGH PO_MAX 26.0 31.0 34.0 Gain Conditions Low Power GLOW VCC = 1.6 V VCONT = 0.8 V PO = 16 dBm TCASE = 25 °C 24.0 27.5 31.0 dB Gain Variation Over Frequency — — — 1.5 dB High Power PAEHIGH PO_MAX TCASE = 25 °C 35.0 39.0 — Power Added Efficiency @ VCC = 3.4 V Low Power PAELOW VCC = 1.6 V VCONT = 0.8 V PO = 16 dBm 14.0 18.5 — % Error Vector Magnitude EVM — — 2 3 % ACLR1_H PO_MAX — –40.0 –36.0 5 MHz offset ACPR1_L VCC = 1.6 V VCONT = 0.8 V PO = 16 dBm — –42.0 –38.0 ACLR2_H PO_MAX — –53.0 –48.0 Adjacent Channel Leakage power Ratio 2 10 MHz offset ACLR2_L VCC = 1.6 V VCONT = 0.8 V PO = 16 dBm — –65.0 –53.0 dBc Second fH2 — –48 –43 Harmonic Suppression Third fL3 VCC = 3.4 V — –58 –53 dBc PN_GSM_II 875 to 925 MHz — — –95 PN_GPS 1570 to 1580 MHz — — –90 PN_PHS 1893.5 to 1919.6 MHz — — –53 PN_DCS 1805 to 1880 MHz — — –83 PN_WRX 2110 to 2170 MHz — — –93 PN_WRX2 RX = 2110 MHz TX = 1980 MHz — — –70 Noise Power 3 PN_BT 2400 to 2480 MHz — — –80 dBm/30 kHz Noise Figure NF — — — 5 dB Input Voltage Standing Wave Ratio (VSWR) VSWR — — 1.5 2.0 — Stability S VSWR = 6:1 — — –65 dBc Quiescent Current ICQ_H VCC = 3.4 V VCONT = 1.0 V — 65 — mA Control Current ICONT — — — 200 μA Enable Current IEN VEN ≥ 1.0 V — — 5 μA Leakage Current ILEAK VREF = off VEN = off — 10 12 μA 1 Per Table 2, unless otherwise specified. Data in Table 3 were verified with the WCDMA test configuration shown in Table 4. 2 ACLR is specified per 3GPP as the ratio of total in-band power to adjacent power, both measured in 3.84 MHz bandwidth at specified offsets. 3 PO ≤ 27.5 dBm |
Similar Part No. - SKY77182 |
|
Similar Description - SKY77182 |