Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77189 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY77189
Description  Power Amplifier Module for WCDMA / HSDPA Band VIII (880-915 MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77189 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY77189 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77189 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADVANCE DATA SHEET
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA
(880–915 MHz)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
February 3, 2009 • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • 200887C
Figure 5. Phone PCB Layout Diagram – 3 mm x 3 mm, 10-Pad Package – SKY77189


Similar Part No. - SKY77189

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77181 SKYWORKS-SKY77181 Datasheet
376Kb / 11P
   Power Amplifier Module for WCDMA / HSDPA (880-915 MHz)
SKY77182 SKYWORKS-SKY77182 Datasheet
306Kb / 11P
   Power Amplifier Module for WCDMA / HSDPA (1920-1980MHz)
SKY77182 SKYWORKS-SKY77182_09 Datasheet
105Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA(1920??980 MHz)
SKY77185 SKYWORKS-SKY77185 Datasheet
68Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA (1920-1980 MHz)
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
More results

Similar Description - SKY77189

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77705 SKYWORKS-SKY77705 Datasheet
75Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA / HSUPA / HSPA / LTE - Band VIII (880-915 MHz)
SKY77181 SKYWORKS-SKY77181 Datasheet
376Kb / 11P
   Power Amplifier Module for WCDMA / HSDPA (880-915 MHz)
SKY77195 SKYWORKS-SKY77195 Datasheet
76Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band I (1920-1980 MHz) and Band VIII (880-915 MHz)
SKY77188 SKYWORKS-SKY77188 Datasheet
70Kb / 2P
    Power Amplifier Module for WCDMA / HSDPA Band V (824-849 MHz)
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
SKY77191 SKYWORKS-SKY77191 Datasheet
75Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band IV (1710??785 MHz)
SKY77187 SKYWORKS-SKY77187 Datasheet
75Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band II (1850??910 MHz)
SKY77458 SKYWORKS-SKY77458 Datasheet
97Kb / 2P
   Front-End Module for LTE / EUTRAN Band VIII (Tx 880-915 MHz), (Rx 925-960 MHz)
SKY77182 SKYWORKS-SKY77182_09 Datasheet
105Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA(1920??980 MHz)
SKY77185 SKYWORKS-SKY77185 Datasheet
68Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA (1920-1980 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com