Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL16LA Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # DL16LA
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL16LA Datasheet(HTML) 4 Page - CIT Relay & Switch

  DL16LA Datasheet HTML 1Page - CIT Relay & Switch DL16LA Datasheet HTML 2Page - CIT Relay & Switch DL16LA Datasheet HTML 3Page - CIT Relay & Switch DL16LA Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citswitch.com
page
132
phone – 763.535.2339 fax – 763.535.2194
CAP OPTIONS
C22_
2 = Black, 8 = Dark Gray, 9 = Light Gray
Contact Factory for other available colors
C26_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray
Contact Factory for other available colors
C27_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray
Contact Factory for other available colors
C28_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C29_ _
Housing Color: 2 = Black
Indicator Color: 1 = White, 4 = Yellow, 5 = Green,
7 = Blue
Contact Factory for other available colors
MULTI-STAGE CHASSIS
PART NUMBERS ASSIGNED AT THE FACTORY
BRACKET LENGTH & MOUNTING PITCH
Number of Positions
1
2
3
4
5
6
Pitch
(C)
L1
L2
L1
L2
L1
L2
L1
L2
L1
L2
L1
L2
10mm
18
24
30
36
40
46
50
56
60
66
70
76
12.5mm
32.5
38.5
45
51
57.5
63.5
70
76
82.5
88.5
15mm
35
41
50
56
65
71
80
86
95
101
17.5mm
37.5
43.5
55
61
72.5
78.5
90
96
107.5
113.5
20mm
40
46
60
66
80
86
100
106
120
126
25mm
45
51
70
76
95
101
120
126
145
151
30mm
50
56
80
86
110
116
140
146
170
176
DL


Similar Part No. - DL16LA

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DL160 EXTECH-DL160 Datasheet
274Kb / 1P
   Dual Input True RMS AC Voltage/Current Datalogger
logo
SHENZHEN YONGERJIA INDU...
DL160 WINNERJOIN-DL160 Datasheet
121Kb / 2P
   Silicon epitaxial planer type
logo
Advanced Micro Devices
DL161 AMD-DL161 Datasheet
2Mb / 128P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
DL161 AMD-DL161 Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
DL161 AMD-DL161 Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Similar Description - DL16LA

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com