Electronic Components Datasheet Search |
|
SKY77318 Datasheet(PDF) 7 Page - Skyworks Solutions Inc. |
|
SKY77318 Datasheet(HTML) 7 Page - Skyworks Solutions Inc. |
7 / 19 page SKY77318 iPAC™ PAM FOR QUAD-BAND GSM / GPRS DATA SHEET Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200424B • Skyworks Proprietary and Confidential Information • Products and product information are subject to change without notice. • December 17, 2007 7 Table 3. SKY77318 Electrical Specifications 1 (6 of 9) DCS1800 Mode (f = 1710 to 1785 MHz and PIN = 0 to 6 dBm) Parameter Symbol Test Condition Minimum Typical Maximum Units Frequency range f — 1710 — 1785 MHz Input power PIN — 0 — 6 dBm Analog power control voltage VAPC — 0.2 — 1.7 V Power Added Efficiency PAE VCC = 3.5 V POUT = 32.8 dBm ENABLE > 2.0 V pulse width 577 μs duty cycle 1:8 TCASE = +25 °C 48 52 — % 2nd to 7th harmonics 2f0 to 7f0 BW = 3 MHz 1.5 dBm ≤ POUT ≤ 32.8 dBm VCC = 3.5 V TCASE = +25 °C — — –10 dBm POUT_MAX VCC = 3.5 V TCASE = +25 °C 32.8 33.5 — POUT_MAX LOW VOLTAGE VCC = 2.9 V ENABLE > 2.0 V TCASE = –20 °C to +100 °C (See Table 2 for multi-slot.) PIN = 0 dBm 30.0 — — Output power POUT_MAX HIGH VOLTAGE VCC = 4.5 V ENABLE > 2.0 V TCASE = –20 °C to +100 °C (See Table 2 for multi-slot.) PIN = 0 dBm 30.0 — — dBm Input VSWR ΓIN POUT = 1.5 to 32.8 dBm, controlled by VAPC — 1.5:1 2.5:1 — Forward isolation POUT_STANDBY PIN = 6 dBm VAPC = 0.1 V ENABLE ≤ 0.2 V — — –35 dBm Spurious Spur All combinations of the following parameters: VAPC = controlled 3 PIN = min. to max. VCC = 2.9 V to 4.8 V Load VSWR = 8:1, all phase angles No parasitic oscillation > –36 dBm |
Similar Part No. - SKY77318 |
|
Similar Description - SKY77318 |