Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM42BE-18 Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # SM42BE-18
Description  Miniature SMD Crystal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM42BE-18 Datasheet(HTML) 5 Page - Pletronics, Inc.

  SM42BE-18 Datasheet HTML 1Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 2Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 3Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 4Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 5Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 6Page - Pletronics, Inc. SM42BE-18 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SM25 / SM30 / SM42 Series
Miniature SMD Crystal
March 2008
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.457 max
11.60 max
B
0.414 max
10.50 max
C
0.532 max
13.50 max
D
0.192 ± 0.008
4.88 ± 0.20
E
0.012 ± 0.004
0.30 ± 0.10
F
0.030 ± 0.008
0.75 ± 0.20
G
0.197 max
5.00 max
H
0.145 max
3.68 max
I
0.040 max
1.00 max
J
0.197 max
5.00 max
Contacts (3 types of lead plating used):
K1
0.016
0.40
Matte Tin (Sn)
L SM42
0.182 max
4.60 max
Tin over Copper (SnCu)
L SM30
0.138 max
3.50 max
SAC (SnAgCu)
Not to Scale
L SM25
0.114 max
2.90 max
1 Typical dimensions
Layout and application information
Trace lengths to the crystal should be kept as short as possible.
The crystal connections are sensitive to noise.
Cload may need to be determined experimentally on the actual PCB.


Similar Part No. - SM42BE-18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM42002EL BOURNS-SM42002EL Datasheet
637Kb / 3P
   2.5 GbE Chip LAN Transformer Module
logo
Solid State Optronic
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4203 SSOUSA-SM4203 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
More results

Similar Description - SM42BE-18

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM45-18 PLETRONICS-SM45-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
logo
Vishay Siliconix
XT38P VISHAY-XT38P Datasheet
111Kb / 1P
   Miniature SMD Watch Crystal
Revision: 17-Jun-05
logo
Abracon Corporation
ABM9 ABRACON-ABM9 Datasheet
348Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
07.31.07
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
   MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM9 ABRACON-ABM9_15 Datasheet
998Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
ABM3 ABRACON-ABM3_10 Datasheet
1Mb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
12.28.10
ABM3 ABRACON-ABM3_08 Datasheet
837Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com