Electronic Components Datasheet Search |
|
CL1200S192 Datasheet(PDF) 3 Page - CIT Relay & Switch |
|
CL1200S192 Datasheet(HTML) 3 Page - CIT Relay & Switch |
3 / 3 page www.citswitch.com page 3 phone – 763.535.2339 fax – 763.535.2194 DIMENSIONS – CAP OPTIONS WITH FRAME, BY TERMINATION STYLE A – CAP A1 – CAP B - CAP B1 – CAP A – CAP A1 - CAP B – CAP B1 - CAP SCHEMATICS & PC LAYOUTS SINGLE / DUAL COLOR LED THROUGH HOLE RIGHT ANGLE SMT LED SPECIFICATIONS Value LED Ratings R G Y B W O RS GS YS Units Reverse Voltage VR 5 5 5 5 5 5 5 5 5 V Forward Current (avg) IF 30 30 30 30 30 30 30 30 30 mA Forward Current (peak) IFS 125 125 125 125 125 125 125 125 125 mA Reverse Current VR = 5V IR 10 10 10 10 10 10 10 10 10 µA Power Dissipation PT 69 81 78 120 120 75 75 75 75 mW Operating & Storage Temperature TA -40~ +85 °C Forward Voltage (typ.), IF = 20mA VF 1.8 2.2 2.1 3.5 3.5 2.0 2.0 2.0 2.0 V Forward Voltage (max.), IF = 20mA VF 2.3 2.7 2.6 4.0 4.0 2.5 2.5 2.5 2.5 V Wavelength at Peak Emmission, IF = 20mA λP 660 565 585 460 N/A 610 630 572 590 nm Spectral Line Half-Width, IF = 20mA ∆λ 24 32 37 40 N/A 35 20 20 20 nm Luminous Intensity, IF = 20mA LI 130 65 45 200 60 50 1120 525 1550 mcd Viewing Angle Θ 20 20 20 20 165 20 20 20 20 Deg CL1200 |
Similar Part No. - CL1200S192 |
|
Similar Description - CL1200S192 |