Electronic Components Datasheet Search |
|
SM55-18 Datasheet(PDF) 3 Page - Pletronics, Inc. |
|
SM55-18 Datasheet(HTML) 3 Page - Pletronics, Inc. |
3 / 7 page SM55 Series Miniature SMD Crystal January 2009 www.pletronics.com 425-776-1880 3 Part Number: SM55 -18 -14.31818M -50 H 1 G G -XX See chart below for available options Internal code or blank Highest Specified Operating Temperature A = 40 oC G = 70 oC B = 45 oC H = 75 oC C = 50 oC J = 80 oC D = 55 oC K = 85 oC E = 60 oC F = 65 oC Lowest Specified Operating Temperature A = +10 oC F = -15 oC L = -40 oC B = +5 oC G = -20 oC C = 0 oC H = -25 oC D = -5 oC J = -30 oC E = -10 oC K = -35 oC Mode: 1 = Fundamental 3 =3rd Overtone Frequency Stability See chart below Calibration Frequency Tolerance 15 = + _ 15 ppm at 25 oC + _ 3 oC 20 = + _ 20 ppm at 25 oC + _ 3 oC 30 = + _ 30 ppm at 25 oC + _ 3 oC (Standard) Frequency in MHz Cload in pF Parallel Resonance from 09 to 44 pF or SR = Series Resonance Series Model Available Frequency Stability versus Temperature in ppm Operating Temperature Range DE F G H J CODE + _ 10 + _ 15 + _ 20 + _ 30 + _ 50 + _ 100 0 to +45 oC CB !!!!!! 0 to +50 oC CC !!!!!! 0 to +60 oC CE !!!!!! 0 to +70 oC CG !!!! STD ! -10 to +50 oC EC !!!!!! -10 to +60 oC EE !!!!!! -10 to +75 oC EH !!!!!! -20 to +70 oC GG !!!!!! -20 to +75 oC GH !!!!!! -30 to +75 oC JH !!!!!! -30 to +80 oC JJ !!!!!! -30 to +85 oC JK !!!!!! -35 to +80 oC KJ !!!!! -40 to +85 oC LK !!!!! |
Similar Part No. - SM55-18 |
|
Similar Description - SM55-18 |