Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J107F1CS1524VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J107F1CS1524VDC
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J107F1CS1524VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  J107F1CS1524VDC Datasheet HTML 1Page - CIT Relay & Switch J107F1CS1524VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J107F
19.0 x 15.5 x 15.3 mm
RoHS Compliant
UL F class rated standard
Small size and light weight
PC board mounting
UL/CUL certified
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.36W
.45W
.80W
3
3.9
25
20
11
2.25
.3
.36
.45
.80
10
5
5
6.5
70
56
31
3.75
.5
6
7.8
100
80
45
4.50
.6
9
11.7
225
180
101
6.75
.9
12
15.6
400
320
180
9.00
1.2
18
23.4
900
720
405
13.50
1.8
24
31.2
1600
1280
720
18.00
2.4
48
62.4
6400
5120
2880
36.00
4.8
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
E197851
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Rating
6A @ 277VAC;
10A @ 250VAC & 28VDC
12A @ 125VAC & 28VDC
15A @ 125VAC N.O.
20A @ 125VAC & 16VDC
1/3hp - 125/277VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
2500VA, 420W
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
20A
Contact Data
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level
Contact to Contact
750V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
9.5g
Coil Data
General Data
Features


Similar Part No. - J107F1CS1524VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J107F1CS1524VDC.36 CIT-J107F1CS1524VDC.36 Datasheet
94Kb / 3P
   UL F class rated standard
J107F1CS1524VDC.45 CIT-J107F1CS1524VDC.45 Datasheet
94Kb / 3P
   UL F class rated standard
J107F1CS1524VDC.80 CIT-J107F1CS1524VDC.80 Datasheet
94Kb / 3P
   UL F class rated standard
More results

Similar Description - J107F1CS1524VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com