Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL1200VAC4 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CL1200VAC4
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CL1200VAC4 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CL1200VAC4 Datasheet HTML 1Page - CIT Relay & Switch CL1200VAC4 Datasheet HTML 2Page - CIT Relay & Switch CL1200VAC4 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
1
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon (Through Hole); 9T Nylon (SMD)
Housing
6/6 Nylon (Through Hole); 6T Nylon (SMD)
Cap
6/6 Nylon (Through Hole); 6/6 Nylon 33% GF(SMD)
Frame
6/6 Nylon (Through Hole); 6/6 Nylon 33% GF(SMD)
Contacts
Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
CL1200
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
1. Series:
CL1200
CL1200V (Right angle)
CL1200S (Surface Mount)
CL1200
A
2. Cap Style:
Blank = No Cap
A = Square Cap
A1 = Square Cap without LED hole
B = Round Cap
B1 = Round Cap without LED hole
2
3. Frame Color: **Frame not available with CL1200V
C = No Frame
2 = Black
9 = Gray
2
4. Cap Color:
Blank = No Cap
2 = Black
3 = Red
4 = Yellow
5 = Green
9 = Gray
R
G
5. First LED Color:
N = No LED
R = Red
G = Green
Y = Yellow
B = Blue
W = White
O = Orange
**Super Bright LEDs Not Available in Bi-color
RS = Super Bright Red
GS = Super Bright Green
YS = Super Bright Yellow
6. Second LED Color: **For Bi-color LED Option
Blank = No Second LED
R = Red
G = Green
Y = Yellow
B = Blue
**White & Orange not available in bi-color


Similar Part No. - CL1200VAC4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CL1200 CIT-CL1200 Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
logo
TEKTRONIX, INC.
CL1200 TEKTRONIX-CL1200 Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CL1200 TEKTRONIX-CL1200 Datasheet
1Mb / 8P
   Single Phase AC Power Analyzer Datasheet
logo
CIT Relay & Switch
CL120022G CIT-CL120022G Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
CL120022N CIT-CL120022N Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
More results

Similar Description - CL1200VAC4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com