Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL16NG Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # DL16NG
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL16NG Datasheet(HTML) 2 Page - CIT Relay & Switch

  DL16NG Datasheet HTML 1Page - CIT Relay & Switch DL16NG Datasheet HTML 2Page - CIT Relay & Switch DL16NG Datasheet HTML 3Page - CIT Relay & Switch DL16NG Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citswitch.com
page
130
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
SCHEMATIC & PC LAYOUT
Number
of Poles
“L”
mm
“P”
“A”
mm
2
24.8
6
8
4
36.8
12
16
6
48.8
18
24
8
60.8
24
32
10
72.8
30
40
16
108.8
48
64
TERMINAL OPTIONS & ACTUATOR DETAIL
MOUNTING OPTIONS
STACKING SWITCHES
B = 3.2mm mounting holes, C = M3X0.5 mounting holes
DL2LAQ/4LAQ (soft touch = DL2SLAQ/4SLAQ)
DL2LAQ/6LAQ (soft touch = DL2SLAQ/DL6SLAQ)
DL


Similar Part No. - DL16NG

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DL160 EXTECH-DL160 Datasheet
274Kb / 1P
   Dual Input True RMS AC Voltage/Current Datalogger
logo
SHENZHEN YONGERJIA INDU...
DL160 WINNERJOIN-DL160 Datasheet
121Kb / 2P
   Silicon epitaxial planer type
logo
Advanced Micro Devices
DL161 AMD-DL161 Datasheet
2Mb / 128P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
DL161 AMD-DL161 Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
DL161 AMD-DL161 Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Similar Description - DL16NG

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com