Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J114FL2AS1618VDC.41 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J114FL2AS1618VDC.41
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J114FL2AS1618VDC.41 Datasheet(HTML) 2 Page - CIT Relay & Switch

  J114FL2AS1618VDC.41 Datasheet HTML 1Page - CIT Relay & Switch J114FL2AS1618VDC.41 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J114FL
1. Series
J114FL
1C
S
16
12VDC
5.0
J114FL
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
3. Sealing Option
S = Sealed
4. Contact Rating
12 = 12A **only available with 1 pole relays
16 = 16A **only available with 1 pole relays
8 = 8A **only available with 2 pole relays
5. Coil Voltage
5VDC
6VDC
9VDC
12VDC
24VDC
48VDC
6. Coil Power
.41 = .41W
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
1A (12A)
1C (12A)
1A (16A)
1C (16A)
2C (8A)
2A (8A)
Ordering Information


Similar Part No. - J114FL2AS1618VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J114FL2AS1612VDC.41 CIT-J114FL2AS1612VDC.41 Datasheet
104Kb / 4P
   Switching capacity 16A
More results

Similar Description - J114FL2AS1618VDC.41

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com