Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1144BDY Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # SM1144BDY
Description  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1144BDY Datasheet(HTML) 5 Page - Pletronics, Inc.

  SM1144BDY Datasheet HTML 1Page - Pletronics, Inc. SM1144BDY Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
5
Trise
10% * Vcc
Ground
Vlow
50% * Vcc
90% * Vcc
Vhigh
Tfall
Symmetry
Load Circuit and Test Waveform
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII


Similar Part No. - SM1144BDY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1144C ETC1-SM1144C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1144CE ETC1-SM1144CE Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
More results

Similar Description - SM1144BDY

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com