Electronic Components Datasheet Search |
|
1202A2BGEA Datasheet(PDF) 4 Page - CIT Relay & Switch |
|
1202A2BGEA Datasheet(HTML) 4 Page - CIT Relay & Switch |
4 / 4 page www.citswitch.com page 26 phone – 763.535.2339 fax – 763.535.2194 1000 TERMINAL OPTIONS S20 = PC Pins with Support Bracket (Single Pole) S20 = PC Pins with Support Bracket (Double Pole) CONTACT OPTIONS Designator Contact Material Terminal Material Electrical Ratings Q Silver Plating Silver Plating 5A @ 120VAC, 28VDC; 2A @ 250VAC R Gold over Nickel Plating Gold over Nickel Plating .4 VA max @ 20VAC or VAC max G Gold over Silver Plating Gold over Silver Plating .4 VA max @ 20VAC or VAC max or 5A @ 120VAC, 28VDC; 2A @ 250VAC MOUNTING OPTIONS For A1, A2, A3, & A4 Switch Functions 1 & 2 For D1 Switch Functions 1 & 2 For A1, A2, A3, & A4 Switch Function 3 For D1 Switch Function 3 A = No Mounting Ears A = No Mounting Ears A = No Mounting Ears A = No Mounting Ears For A1, A2, A3, & A4 Switch Functions 1 & 2 For D1 Switch Functions 1 & 2 For A1, A2, A3, & A4 Switch Function 3 For D1 Switch Function 3 B = Mounting Ears B = Mounting Ears B = Mounting Ears B = Mounting Ears |
Similar Part No. - 1202A2BGEA |
|
Similar Description - 1202A2BGEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |