Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1203A7DQEB Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # 1203A7DQEB
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

1203A7DQEB Datasheet(HTML) 1 Page - CIT Relay & Switch

  1203A7DQEB Datasheet HTML 1Page - CIT Relay & Switch 1203A7DQEB Datasheet HTML 2Page - CIT Relay & Switch 1203A7DQEB Datasheet HTML 3Page - CIT Relay & Switch 1203A7DQEB Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.citswitch.com
page
23
phone – 763.535.2339 fax – 763.535.2194
1000
SPECIFICATIONS
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Contacts
Copper Alloy, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
Series:
1
1
2
Number of Poles:
1 = SPDT
2 = DPDT
03
Switch Function:
01 = ON-NONE-ON
02 = ON-NONE-(ON)
03 = ON-OFF-ON
A1
Actuator:
A1 = 5.08mm
A2 = 7.24mm
A3 = 9.40mm
A4 = 3.60mm
A7 = 12.32mm
D1 = 5.08mm **Only available with DPDT
B
Terminals:
B = Solder Lug
C = PC Pin
D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin
V = Vertical Mount, Right Angle PC Pin
S20 = PC Pin with Support Bracket
C
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
E
Epoxy Seal:
E = Epoxy Seal
B
Mounting Style:
A = No Mounting Ears
B = With Mounting Ears
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC
See Contact Options
Electrical Life
30,000 cycles typical
Contact Resistance
< 10 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
- E222871


Similar Part No. - 1203A7DQEB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1203 SCHURTER-1203 Datasheet
316Kb / 3P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
KODENSHI_AUK CORP.
1203 KODENSHI-1203 Datasheet
192Kb / 4P
   Switching application
logo
Toshiba Semiconductor
1203-000284 TOSHIBA-1203-000284 Datasheet
5Mb / 70P
   COLOUR TELEVISION
1203-001006 TOSHIBA-1203-001006 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Samsung semiconductor
1203-001109 SAMSUNG-1203-001109 Datasheet
1Mb / 43P
   Color Monitor
September 1999
More results

Similar Description - 1203A7DQEB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com