Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7745MV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7745MV
Description  3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745MV Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7745MV Datasheet HTML 1Page - Pletronics, Inc. SM7745MV Datasheet HTML 2Page - Pletronics, Inc. SM7745MV Datasheet HTML 3Page - Pletronics, Inc. SM7745MV Datasheet HTML 4Page - Pletronics, Inc. SM7745MV Datasheet HTML 5Page - Pletronics, Inc. SM7745MV Datasheet HTML 6Page - Pletronics, Inc. SM7745MV Datasheet HTML 7Page - Pletronics, Inc. SM7745MV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM77M Series 3.3 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.5
5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.5
3
nS
> 35 MHz
4
8
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
35
nS
> 35 MHz
6
12
nS
< 35 MHz
C
LOAD =50 pF
10% to 90% of V
CC
See Load Circuit
58
nS
> 35 MHz
V
CC Supply Current (ICC)2
4
mA
< 8 MHz
C
LOAD = 15 pF
35
mA
> 8 MHz and < 16 MHz
46
mA
> 16 MHz and < 35 MHz
12
18
mA
> 35 MHz
35
mA
< 8 MHz
C
LOAD = 30 pF
46
mA
> 8 MHz and < 16 MHz
68
mA
> 16 MHz and < 35 MHz
16
22
mA
> 35 MHz
46
mA
< 8 MHz
C
LOAD = 50 pF
57
mA
> 8 MHz and < 16 MHz
810
mA
> 16 MHz and < 35 MHz
20
28
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.


Similar Part No. - SM7745MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745M PLETRONICS-SM7745M Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745MW PLETRONICS-SM7745MW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7745MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com