Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD4027055A Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # TCD4027055A
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCD4027055A Datasheet(HTML) 5 Page - Pletronics, Inc.

  TCD4027055A Datasheet HTML 1Page - Pletronics, Inc. TCD4027055A Datasheet HTML 2Page - Pletronics, Inc. TCD4027055A Datasheet HTML 3Page - Pletronics, Inc. TCD4027055A Datasheet HTML 4Page - Pletronics, Inc. TCD4027055A Datasheet HTML 5Page - Pletronics, Inc. TCD4027055A Datasheet HTML 6Page - Pletronics, Inc. TCD4027055A Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCD4 Series
TCVCXO Oscillator
June 2008
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.057 +
_0.002
1.4 +
_0.15
D
1
0.102
2.60
E
1
0.055
1.40
F
1
0.008
0.020R
Not to Scale
1 Typical dimensions
Contacts :
Gold 11.8 µinches
0.3 µm minimum over Nickel 50 to 350 µinches
1.27 to 8.89 µm
Pad
Function
Note
1
Vcontrol Input
If this function is not specified, recommend connecting this pad to ground.
2
Ground (GND)
3
Output
4
Supply Voltage (V
CC)
Recommend connecting appropriate power supply bypass capacitors as close
as possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - TCD4027055A

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
Zowie Technology Corpor...
TCD40AH ZOWIE-TCD40AH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TCD40CAH ZOWIE-TCD40CAH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - TCD4027055A

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com