Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKZE160ESS272ML20S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKZE160ESS272ML20S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZE160ESS272ML20S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKZE160ESS272ML20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZE160ESS272ML20S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZE160ESS272ML20S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001E
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
100
6R8
5 B 11
1.4
5.6
125
EKZE101ESS6R8ME11D
15
6.3 B 11
0.57
2.3
205
EKZE101ESS150MF11D
27
8 B 11.5
0.36
1.4
355
EKZE101ESS270MHB5D
39
8 B 15
0.25
1.0
450
EKZE101ESS390MH15D
47
10 B 12.5
0.17
0.66
480
EKZE101ESS470MJC5S
56
8 B 20
0.19
0.76
565
EKZE101ESS560MH20D
68
10 B 16
0.11
0.47
600
EKZE101ESS680MJ16S
82
10 B 20
0.084
0.34
800
EKZE101ESS820MJ20S
100
12.5 B 16
0.11
0.34
750
EKZE101ESS101MK16S
120
10 B 25
0.069
0.28
900
EKZE101ESS121MJ25S
150
12.5 B 20
0.062
0.18
1100
EKZE101ESS151MK20S
220
12.5 B 25
0.047
0.14
1250
EKZE101ESS221MK25S
220
16 B 20
0.048
0.15
1350
EKZE101ESS221ML20S
270
12.5 B 30
0.042
0.13
1500
EKZE101ESS271MK30S
330
12.5 B 35
0.036
0.11
1650
EKZE101ESS331MK35S
330
16 B 25
0.038
0.12
1700
EKZE101ESS331ML25S
330
18 B 20
0.045
0.14
1500
EKZE101ESS331MM20S
390
12.5 B 40
0.032
0.095
1800
EKZE101ESS391MK40S
470
16 B 31.5
0.032
0.095
1850
EKZE101ESS471MLN3S
470
18 B 25
0.036
0.11
1750
EKZE101ESS471MM25S
560
16 B 35.5
0.029
0.086
2000
EKZE101ESS561MLP1S
560
18 B 31.5
0.030
0.090
1900
EKZE101ESS561MMN3S
680
16 B 40
0.027
0.081
2200
EKZE101ESS681ML40S
680
18 B 35.5
0.027
0.081
2200
EKZE101ESS681MMP1S
820
18 B 40
0.026
0.077
2700
EKZE101ESS821MM40S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
63
1200
18 B 31.5
0.020
0.060
3300
EKZE630ESS122MMN3S
1500
18 B 35.5
0.018
0.054
3400
EKZE630ESS152MMP1S
1800
18 B 40
0.017
0.051
3500
EKZE630ESS182MM40S
80
68
10 B 12.5
0.17
0.66
480
EKZE800ESS680MJC5S
100
10 B 16
0.11
0.47
600
EKZE800ESS101MJ16S
120
10 B 20
0.084
0.34
800
EKZE800ESS121MJ20S
150
10 B 25
0.069
0.28
900
EKZE800ESS151MJ25S
150
12.5 B 16
0.11
0.34
750
EKZE800ESS151MK16S
220
12.5 B 20
0.062
0.18
1100
EKZE800ESS221MK20S
330
12.5 B 25
0.047
0.14
1250
EKZE800ESS331MK25S
330
16 B 20
0.048
0.15
1350
EKZE800ESS331ML20S
390
12.5 B 30
0.042
0.13
1500
EKZE800ESS391MK30S
470
12.5 B 35
0.036
0.11
1650
EKZE800ESS471MK35S
470
16 B 25
0.038
0.12
1700
EKZE800ESS471ML25S
470
18 B 20
0.045
0.14
1500
EKZE800ESS471MM20S
560
12.5 B 40
0.032
0.095
1800
EKZE800ESS561MK40S
680
16 B 31.5
0.032
0.095
1850
EKZE800ESS681MLN3S
680
18 B 25
0.036
0.11
1750
EKZE800ESS681MM25S
820
16 B 35.5
0.029
0.086
2000
EKZE800ESS821MLP1S
820
18B 31.5
0.030
0.090
1900
EKZE800ESS821MMN3S
1000
16 B 40
0.027
0.081
2200
EKZE800ESS102ML40S
1000
18B 35.5
0.027
0.081
2200
EKZE800ESS102MMP1S
1200
18B 40
0.026
0.077
2700
EKZE800ESS122MM40S
?STANDARD RATINGS
Upgrade!
?RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance(mF)
Frequency (Hz)
6.8 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to
120
0.42
0.50
7L
11L to 40L
1k
0.70
0.73
10k
0.90
0.92
100k
1.00
1.00
Capacitance(mF)
Frequency (Hz)
10 to 33
39 to 220
@Frequency Multipliers
SS : Lead forming / Taping code
(3/3)


Similar Part No. - EKZE160ESS272ML20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKZE160ESS272ML20S CHEMI-CON-EKZE160ESS272ML20S Datasheet
70Kb / 3P
   Low impedance, 105C
logo
List of Unclassifed Man...
EKZE160ESS272ML20S ETC2-EKZE160ESS272ML20S Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKZE160ESS272ML20S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com