Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTACB251V475SELHZ0 Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # FTACB251V475SELHZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FTACB251V475SELHZ0 Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  FTACB251V475SELHZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FTACB251V475SELHZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FTACB251V475SELHZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
?DIMENSIONS (mm)
W+2.5 max.
T+2.0max.
FdP0.05
MARKING
FP1.0
800
TACB2K333S
TACB2K393S
TACB2K473S
TACB2K563S
TACB2K683S
TACB2K823S
TACB2K104S
TACB2K124S
TACB2K154S
TACB2K184S
TACB2K224S
TACB2K274S
TACB2K334S
TACB2K394S
TACB2K474S
TACB2K564S
TACB2K684S
TACB2K824S
TACB2K105S
TACB2K125S
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
16.2
18.2
23.2
28.2
9.0
9.5
10.1
10.8
11.5
12.5
12.3
13.3
14.6
13.4
14.5
15.8
17.2
18.5
20.1
19.2
20.9
22.8
25.0
27.2
8.6
9.1
9.7
10.3
11.0
11.9
11.8
12.7
13.9
12.8
13.8
15.1
16.4
17.6
19.1
18.3
19.9
21.8
23.8
25.9
10.0
12.5
17.5
22.5
0.8
1.0
1.81
1.97
2.16
2.36
2.60
2.85
2.67
2.92
3.26
2.59
2.87
3.17
3.51
3.82
4.19
3.59
3.96
4.35
4.80
5.26
250
FTACB801V333SDLCZ0
FTACB801V393SDLCZ0
FTACB801V473SDLCZ0
FTACB801V563SDLCZ0
FTACB801V683SDLCZ0
FTACB801V823SDLCZ0
FTACB801V104SHLGZ0
FTACB801V124SHLGZ0
FTACB801V154SHLGZ0
FTACB801V184SELHZ0
FTACB801V224SELHZ0
FTACB801V274SELHZ0
FTACB801V334SELHZ0
FTACB801V394SELHZ0
FTACB801V474SELHZ0
FTACB801V564SFLEZ0
FTACB801V684SFLEZ0
FTACB801V824SFLEZ0
FTACB801V105SFLEZ0
FTACB801V125SFLEZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, K : P10%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(3/3)


Similar Part No. - FTACB251V475SELHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACC102V105SRLFZ0 CHEMI-CON-FTACC102V105SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V125SRLFZ0 CHEMI-CON-FTACC102V125SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V155SRLFZ0 CHEMI-CON-FTACC102V155SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V185STLJZ0 CHEMI-CON-FTACC102V185STLJZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V225SULWZ0 CHEMI-CON-FTACC102V225SULWZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
More results

Similar Description - FTACB251V475SELHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com