Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLDA3B152H-F7DM Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # DLDA3B152H-F7DM
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

DLDA3B152H-F7DM Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  DLDA3B152H-F7DM Datasheet HTML 1Page - United Chemi-Con, Inc. DLDA3B152H-F7DM Datasheet HTML 2Page - United Chemi-Con, Inc. DLDA3B152H-F7DM Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
@It is excellent in coping with high current and in heat radiation.
@For high current, it is made to cope with current up to 25Ampere.
@As a countermeasure against high voltage along with high current,
it is made to withstand a high voltage of up to 1800VH.
?SPECIFICATIONS
Category temperature range
Rated voltage range
Capacitance tolerance
Voltage proof
(Terminal - Terminal)
Dissipation factor
(tanE)
Insulation resistance
(Terminal - Terminal)
Endurance
Loading under damp
heat
Items
Characteristics
-40 to +105C
800 to 1800VH
P3% (J)
No degradation, at 150% of rated voltage shall be applied for 60 seconds.
No more than 0.1%
No less than 50000MO at 500Vdc
The following specifications shall be satisfied, after 1000hrs with applying rated voltageB125% at 85C.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
The following specifications shall be satisfied, after 500hrs with applying rated voltage at 40C 90K95%RH.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
No serious degradation
No less than 25000MO
No more than initial specification at 1kHz.
Within P3% of initial value.
No serious degradation.
No less than 25000MO
No more than initial specification at 1kHz.
Within P5% of initial value.
?STANDARD RATINGS
800
(1000Vdc)
1000
(1250Vdc)
DLDA2K102H-F2BM
DLDA2K122H-F2BM
DLDA2K152H-F2BM
DLDA2K182H-F2BM
DLDA2K222H-F2BM
DLDA2K272H-F2BM
DLDA2K332H-F2BM
DLDA2K392H-F2BM
DLDA2K472H-F2BM
DLDA2K562H-F2BM
DLDA2K682H-F2BM
DLDA2K822H-F2BM
DLDA2K103H-F2BM
DLDA2K123H-F2BM
DLDA2K153H-F2BM
DLDA2K183H-F2BM
DLDA2K223H-F2BM
DLDA2K273H-F2BM
DLDA2K333H-F2BM
DLDA2K393H-F2BM
DLDA2K473H-F2BM
DLDA2K563H-F2BM
DLDA2K683H-F2BM
DLDA2K823H-F2BM
DLDA2K104H-F2BM
DLDA3A102H-F7DM
DLDA3A122H-F7DM
DLDA3A152H-F7DM
DLDA3A182H-F7DM
DLDA3A222H-F7DM
DLDA3A272H-F7DM
DLDA3A332H-F7DM
DLDA3A392H-F7DM
DLDA3A472H-F7DM
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
16.0
20.0
18.0
14.0
14.0
14.0
14.0
11.0
11.0
11.5
11.0
11.0
11.5
13.0
13.5
11.0
11.0
11.5
13.0
14.5
15.5
16.0
17.0
15.5
16.0
16.5
17.5
18.5
12.0
12.5
13.0
12.5
13.0
11.0
11.0
11.5
10.5
7.0
7.0
7.0
7.0
6.0
6.5
7.0
6.0
6.5
7.0
8.0
8.5
6.5
6.5
7.0
8.0
8.5
9.5
10.0
10.5
9.5
10.0
11.0
11.5
12.5
6.5
6.5
7.0
7.0
7.5
6.0
6.5
7.0
5.5
7.5
15.0
0.8
0.8
0.21
0.32
0.42
0.52
0.62
0.72
0.83
0.93
1.0
1.2
1.3
1.5
1.7
1.9
2.1
2.4
2.6
2.8
3.1
3.3
3.5
4.0
4.5
5.0
5.4
0.28
0.41
0.54
0.67
0.80
0.93
1.0
1.1
1.3
B
A
350
450
FDLDA801V102HGLBM0
FDLDA801V122HGLBM0
FDLDA801V152HGLBM0
FDLDA801V182HGLBM0
FDLDA801V222HGLBM0
FDLDA801V272HGLBM0
FDLDA801V332HGLBM0
FDLDA801V392HGLBM0
FDLDA801V472HGLBM0
FDLDA801V562HGLBM0
FDLDA801V682HGLBM0
FDLDA801V822HGLBM0
FDLDA801V103HGLBM0
FDLDA801V123HGLBM0
FDLDA801V153HGLBM0
FDLDA801V183HGLBM0
FDLDA801V223HGLBM0
FDLDA801V273HGLBM0
FDLDA801V333HGLBM0
FDLDA801V393HGLBM0
FDLDA801V473HHLBM0
FDLDA801V563HHLBM0
FDLDA801V683HHLBM0
FDLDA801V823HHLBM0
FDLDA801V104HHLBM0
FDLDA102V102HDFDM0
FDLDA102V122HDFDM0
FDLDA102V152HDFDM0
FDLDA102V182HDFDM0
FDLDA102V222HDFDM0
FDLDA102V272HDFDM0
FDLDA102V332HDFDM0
FDLDA102V392HDFDM0
FDLDA102V472HDFDM0
WV
(VH)
Cap
(mF)
TYPE
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
(1/3)


Similar Part No. - DLDA3B152H-F7DM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Crydom Inc.,
DLD CRYDOM-DLD Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
CINCON ELECTRONICS Corp...
DLD CINCON-DLD Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
DLD-C035 CINCON-DLD-C035 Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
More results

Similar Description - DLDA3B152H-F7DM

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com