Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT16821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT16821
Description  20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16821 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABT16821 Datasheet HTML 1Page - Texas Instruments SN74ABT16821 Datasheet HTML 2Page - Texas Instruments SN74ABT16821 Datasheet HTML 3Page - Texas Instruments SN74ABT16821 Datasheet HTML 4Page - Texas Instruments SN74ABT16821 Datasheet HTML 5Page - Texas Instruments SN74ABT16821 Datasheet HTML 6Page - Texas Instruments SN74ABT16821 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN54ABT16821, SN74ABT16821
20-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS216B – JUNE 1992 – REVISED JANUARY 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1D1
1OE
55
1
56
1Q1
2
1CLK
1D
To Nine Other Channels
C1
One of Ten
Channels
2D1
2OE
42
28
29
2Q1
15
2CLK
1D
To Nine Other Channels
C1
One of Ten
Channels
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABT16821
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABT16821
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51.


Similar Part No. - SN74ABT16821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16821 TI-SN74ABT16821 Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16821DGGR TI-SN74ABT16821DGGR Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16821DL TI-SN74ABT16821DL Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16821DLG4 TI-SN74ABT16821DLG4 Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16821DLR TI-SN74ABT16821DLR Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT16821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16821 TI-SN54ABT16821_08 Datasheet
363Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16821 TI1-74ACT16821 Datasheet
169Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162821 HITACHI-HD74ALVCH162821 Datasheet
56Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH16821 HITACHI-HD74ALVCH16821 Datasheet
51Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com