Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA4030035F Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # TBA4030035F
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TBA4030035F Datasheet(HTML) 5 Page - Pletronics, Inc.

  TBA4030035F Datasheet HTML 1Page - Pletronics, Inc. TBA4030035F Datasheet HTML 2Page - Pletronics, Inc. TBA4030035F Datasheet HTML 3Page - Pletronics, Inc. TBA4030035F Datasheet HTML 4Page - Pletronics, Inc. TBA4030035F Datasheet HTML 5Page - Pletronics, Inc. TBA4030035F Datasheet HTML 6Page - Pletronics, Inc. TBA4030035F Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TBA4 Series
TCVCXO Oscillator
February 2009
www.pletronics.com
425-776-1880
5
12
4
3
1
4
2
3
Mechanical:
Not to Scale
Inches
mm
A
0.276 +
_0.006
7.00 +
_0.15
Pad
Function
Note
B
0.197 +
_0.006
5.00 +
_0.15
1
Vcontrol Input
If this function is not specified, recommend
connecting this pad to ground.
C
0.074 +
_0.006
1.88 +
_0.15
D
1
0.039
1.00
2
Ground (GND)
E
1
0.197
5.00
3
Output
F
1
0.025
0.90
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power
supply bypass capacitors as close as
possible.
G
1
0.118
3.00
H
1
0.020
0.50
J
1
0.051
1.30
K
1
0.154
3.90
1 Typic dimensions
Contacts :
Gold 11.8 µinches
0.3 µm minimum over Nickel 50 to 350 µinches
1.27 to 8.89 µm
There are additional pads on the package bottom, these are not to be connected to any traces on the
PCB, solder masking on the PCB should be used to make sure no contact is made.


Similar Part No. - TBA4030035F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TBA4033 ETC2-TBA4033 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TBA4034 ETC2-TBA4034 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TBA4035 ETC2-TBA4035 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TBA4036 ETC2-TBA4036 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
More results

Similar Description - TBA4030035F

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com