Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT18640DGG Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ABT18640DGG
Description  SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18640DGG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ABT18640DGG Datasheet HTML 7Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 8Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 9Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 10Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 11Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 12Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 13Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 14Page - Texas Instruments SN74ABT18640DGG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SN54ABT18640, SN74ABT18640
SCAN TEST DEVICES
WITH 18-BIT INVERTING BUS TRANSCEIVERS
SCBS267C – FEBRUARY 1994 – REVISED JULY 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
instruction-register opcode description
The instruction-register opcodes are shown in Table 3. The following descriptions detail the operation of
each instruction.
Table 3. Instruction-Register Opcodes
BINARY CODE†
BIT 7
→ BIT 0
MSB
→ LSB
SCOPE OPCODE
DESCRIPTION
SELECTED DATA
REGISTER
MODE
00000000
EXTEST
Boundary scan
Boundary scan
Test
10000001
IDCODE
Identification read
Device identification
Normal
10000010
SAMPLE/PRELOAD
Sample boundary
Boundary scan
Normal
00000011
BYPASS‡
Bypass scan
Bypass
Normal
10000100
BYPASS‡
Bypass scan
Bypass
Normal
00000101
BYPASS‡
Bypass scan
Bypass
Normal
00000110
HIGHZ
Control boundary to high impedance
Bypass
Modified test
10000111
CLAMP
Control boundary to 1/0
Bypass
Test
10001000
BYPASS‡
Bypass scan
Bypass
Normal
00001001
RUNT
Boundary-run test
Bypass
Test
00001010
READBN
Boundary read
Boundary scan
Normal
10001011
READBT
Boundary read
Boundary scan
Test
00001100
CELLTST
Boundary self test
Boundary scan
Normal
10001101
TOPHIP
Boundary toggle outputs
Bypass
Test
10001110
SCANCN
Boundary-control register scan
Boundary control
Normal
00001111
SCANCT
Boundary-control register scan
Boundary control
Test
All others
BYPASS
Bypass scan
Bypass
Normal
† Bit 7 is used to maintain even parity in the 8-bit instruction.
‡ The BYPASS instruction is executed in lieu of a SCOPE
™ instruction that is not supported in the ’ABT18640.
boundary scan
This instruction conforms to the IEEE Standard 1149.1-1990 EXTEST instruction. The BSR is selected in the
scan path. Data appearing at the device input and I/O pins is captured in the associated BSCs. Data that has
been scanned into the input BSCs is applied to the inputs of the normal on-chip logic, while data scanned into
the I/O BSCs for pins in the output mode is applied to the device I/O pins. Data present at the device I/O pins
is passed through the I/O BSCs to the normal on-chip logic. For I/O pins, the operation of a pin as input or output
is determined by the contents of the output-enable BSCs (bits 43–40 of the BSR). When a given output enable
is active (logic 1), the associated I/O pins operate in the output mode. Otherwise, the I/O pins operate in the
input mode. The device operates in the test mode.
identification read
This instruction conforms to the IEEE Standard 1149.1-1990 IDCODE instruction. The IDR is selected in the
scan path. The device operates in the normal mode.
sample boundary
This instruction conforms to the IEEE Standard 1149.1-1990 SAMPLE/PRELOAD instruction. The BSR is
selected in the scan path. Data appearing at the device input pins and I/O pins in the input mode is captured
in the associated BSCs, while data appearing at the outputs of the normal on-chip logic is captured in the BSCs
associated with I/O pins in the output mode. The device operates in the normal mode.


Similar Part No. - SN74ABT18640DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18646 TI-SN74ABT18646 Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PM TI-SN74ABT18646PM Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PMG4 TI-SN74ABT18646PMG4 Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
More results

Similar Description - SN74ABT18640DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com