Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB10-10B09 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10B09
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B09 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LB10-10B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10B09 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LB**
A/1-2008
Page 3 of 4
PARALLEL LINES MEASURE
2
C1
C2
Copper sheet
Load
25.4m m
25.4mm
Oscillograph
Fuse
C1:10
μF
C2:0.1
μF
TYPICAL APPLICATIONS
LB**-10B**( single Output)
L
+Vo
-Vo
L
N
N
C1 C2
F u se
TVS1 RL
N TC
LB**-10A**(Dual output)
F use
+Vo
L
L
N
-Vo
N
Com
C4
C2
C1
C3
RL
TVS1
TVS2 RL
NTC
LB**-10D**(Isolate Twin Output)
F use
NTC
L
N
L
N
Vo1
Vo2
+
-
+
-
T VS1
C1 C2
RL
T VS2
C3
C4
RL
EXTERNAL TYPICAL VALUE
MODEL
C1(uF)
C3(uF)
MODEL
C1(uF)
C3(uF)
LB03-10B03
220
LB10-10B03
470
LB03-10B05
220
LB10-10B05
330
LB03-10B12
120
LB10-10B09
120
LB03-10B15
68
LB10-10B12
120
LB03-10B24
10
LB10-10B15
120
LB05-10B03
330
LB10-10B24
68
LB05-10B05
330
LB10-10A05
220
220
LB05-10B09
120
LB10-10A12
120
120
LB05-10B12
120
LB10-10A15
47
47
LB05-10B15
68
LB10-10D0505-02I
220
120
LB05-10B24
68
LB15-10B03
330
LB05-10A05
120
120
LB15-10B05
680
LB05-10A12
68
68
LB15-10B12
220
LB05-10A15
47
47
LB15-10B15
220
LB05-10A24
10
10
LB15-10B24
68
LB05-10D0505-01
220
68
LB05-10D0512-01
220
68
LB05-10D0515-01
220
47
LB05-10D0524-01
220
47
Remark:
1. Output filtering capacitor C3 and C1 are electrolytic capacitor. It is recommended to use high frequency and low resistance electrolytic capacitor. For capacitance
and current of the capacitor please refer to suppliers
’ specifications. Voltage derating of capacitor should be 80% or above. C2, C4 and C6 eliminate high
frequency noise. TVS is a recommended component to protect post-circuits (when converter fails).
2. External input NTC is recommended to use 5D-9 ( Only LB10 models)


Similar Part No. - LB10-10B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10B09 MORNSUN-LB10-10B09 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B09LT MORNSUN-LB10-10B09LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB10-10B09

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com