Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB15-10B24 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LB15-10B24
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB15-10B24 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LB15-10B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB15-10B24 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LB**
A/1-2008
Page 2 of 4
INPUT SPECIFICATIONS
Input voltage range
85~264VAC ,120~370VDC
Input frequency
47~63Hz
Input current
LB03 models
LB05models
LB10 models
LB15 models
110VAC
60mA , typ
100mA , typ
200mA , typ
280mA , typ
230VAC
30mA , typ
60mA , typ
100mA , typ
150mA , typ
Inrush current
LB03/05 models
LB10/15 models
110VAC
10A, typ
10A, typ
230VAC
20A, typ
30A, typ
External input fuse
(recommended)
LB03/05 models
LB10/15 models
1A/250V
2A/250V
slow blow
slow blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%(main out)
Input variation
±0.5%(main out) ±1.5%(others)
Load variation (10%-100%)
(symmetric load)
(symmetric load)
(symmetric load)
Single output models
Dual output models
Isolation & twin output (with voltage regulator)
Isolation & twin output (without voltage regulator)
±1%
±2%
±2%
±3%(main out) ±5%(others)
Minimum load
Single output models
Dual output models
Isolation & twin output
0%
10% (main out)
10% (main out)
Ripple& noise(p-p)
(20MHz Bandwidth)
≤100mV
Short circuit protection
Continuous, and auto resume (except specialties)
Over current protection
≥110% I
O
Over output voltage protection
3.3 / 5VDC models
9VDC models
12 / 15VDC models
24VDC models
48VDC models
≤6.5VDC
≤12VDC
≤20VDC
≤30VDC
≤60VDC
COMMON SPECIFICATIONS
Temperature ranges
Operating :
Power derating (above 55
°C)
Storage:
Case temperature:
-40
°C ~ +70°C
3.75% /
°C
-40
°C ~ +105°C
+90
°C max
Hold-up time
80ms(typ.) at Vin:230VAC
Humidity (non condensing)
85% (max.)
Temperature coefficient
0.02% /
°C (main out) 0.15% /°C(others)
Switching frequency
150kHz max.
Efficiency
78% typ.
I/O-isolation voltage
3000VAC/1Min
Leakage current
0.3mA RMS typ. 230VAC/50Hz
EMI/RFI conducted
EN55022, level B
EMC compliance
Electrostatic discharge ESD
RF field susceptibility
Electrical fast transients/bursts on mainsline
Surge
IEC/EN 61000-4-2 level 3
6kV/8kV
IEC/EN 61000-4-3
IEC/EN 61000-4-4 level 3
2kV
IEC/EN 61000-4-5 level 3
1kV / 2kV
Safety standards
IEC60950,EN60950,UL60950
Safety approvals
EN60950, IEC60950,UL60950
Safety Class
CLASS 1 (LB10-10B: CLASS 2)
Case material
UL 94V-0
Install
PCB
MTBF
>200,000h @25
°C


Similar Part No. - LB15-10B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB15-10B24 MORNSUN-LB15-10B24 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB15-10B24LT MORNSUN-LB15-10B24LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB15-10B24

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com