Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT373 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ABT373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT373 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT373 Datasheet HTML 1Page - Texas Instruments SN54ABT373 Datasheet HTML 2Page - Texas Instruments SN54ABT373 Datasheet HTML 3Page - Texas Instruments SN54ABT373 Datasheet HTML 4Page - Texas Instruments SN54ABT373 Datasheet HTML 5Page - Texas Instruments SN54ABT373 Datasheet HTML 6Page - Texas Instruments SN54ABT373 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ABT373, SN74ABT373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS155D – JANUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT373
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
D
Q
1.9
3.9
5.4
1.3
6.8
ns
tPHL
D
Q
2.2
4.2
5.7
2
7
ns
tPLH
LE
Q
2.2
4.6
6.1
1.8
7.7
ns
tPHL
LE
Q
3.2
5.2
6.7
2.5
7.7
ns
tPZH
OE
Q
1.2
3.2
5.5
1
6.2
ns
tPZL
OE
Q
2
4.7
6.2
1.5
7.2
ns
tPHZ
OE
Q
2.5
4.9
6.4
2.4
8
ns
tPLZ
OE
Q
2
4.5
6
2
7
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT373
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
D
Q
1.9
3.9
5.4
1.9
5.9
ns
tPHL
D
Q
2.2
4.2
5.7
2.2
6.2
ns
tPLH
LE
Q
2.2
4.6
6.1
2.2
6.6
ns
tPHL
LE
Q
3.2
5.2
6.7
3.2
7.2
ns
tPZH
OE
Q
1.2
3.2
4.7
1.2
5.2
ns
tPZL
OE
Q
2.7
4.7
6.2
2.7
6.7
ns
tPHZ
OE
Q
2.5
4.9
6.4
2.5
6.9
ns
tPLZ
OE
Q
2
4.5
6
2
6.5
ns


Similar Part No. - SN54ABT373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT373 TI-SN54ABT373 Datasheet
725Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI-SN54ABT373 Datasheet
909Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI1-SN54ABT373 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI-SN54ABT373_08 Datasheet
725Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI1-SN54ABT373_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com