Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1209M-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A1209M-1W
Description  DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1209M-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A1209M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1209M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_M-1W & B_LM-1W
A/1-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
15
25
Temp. rise at full load
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection*
1
S
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
Note:
1.All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2. See below recommended circuits for more details.
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
24
6
5
1 24
6
1
2
4
6
5
Pin
Single
Dual
Vin
GND
0V
+Vo
NC
Vin
GND
0V
+Vo
-Vo
Note:
Unit:m m(inc h)
Pin s ection :0.50*0.30mm(0.020*0.012inch)
Pin tolerances: 0.10mm( 0.004inch)
General tolerance s: 0.25mm( 0.010inch)
RECOMMEN DED FOOTPRINT
Top view,grid:2.54*2.54mm (0.1 *0.1inch),
diameter:1.00m m(0 .039inc h)
First Angle Pro jection
0.50
(0.020)
1 2
4
6
5
Single
Dual
FOOTPRINT DETAILS
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our company
’s
products with a lower rated output power (A_M
–W2/B_LM-W2 series).
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add a
circuit breaker to the circuit.
Recommended
testing and application circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Dual Out put
Singl e Output
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and the
frequency of the
“LC” filtering network should be
staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe
and
reliable
operation
is
ensured,
the
recommended capacitance of its filter capacitor
sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
24
1
12
2.2
±12
1
-
-
15
1
±15
0.47
It
’s not recommended to connect any external capacitor in
the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series
(Figure 2).
Du al Ou t put
Si ng le O ut put
Vin
GND
0V
+Vout
DC DC
-Vout
Vin
GND
0V
+Vout
DC DC
REG
REG
REG
REG
REG
(Figure 2)
No parallel connection or plug and play.


Similar Part No. - A1209M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1209M-1W MORNSUN-A1209M-1W Datasheet
418Kb / 4P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results

Similar Description - A1209M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505M-1WA0505M-1W MORNSUN-A0505M-1WA0505M-1W Datasheet
418Kb / 4P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
E0305M-1W MORNSUN-E0305M-1W Datasheet
117Kb / 2P
   DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com