Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1215S-W25 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1215S-W25
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1215S-W25 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1215S-W25 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1215S-W25 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-W25 & B_LS-W25
A/2-2008
Page 1 of 2
A_S-W25 & B_LS-W25 Series
0.25W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Nominal
Voltage
(VDC)
Max
Efficiency
(%, Typ)
B0303LS-W25*
3.3
75.8
62
B0305LS-W25
3.3
3.0-3.6
5
50
65
A0505S- W25
±5
±25
62
A0509S- W25*
±9
±13.8
64
A0512S- W25
±12
±10.4
66
A0515S- W25
±15
±8.3
65
B0505LS- W25
5
50
64
B0509 LS- W25*
9
27.8
65
B0512 LS- W25
12
20.8
67
B0515 LS- W25
5
4.5-5.5
15
16.7
65
A1205S- W25*
±5
±25
62
A1209S- W25*
±9
±13.8
63
A1212S- W25*
±12
±10.4
64
A1215S- W25*
±15
±8.3
65
B1203 LS- W25*
3.3
75.8
62
B1205 LS- W25
5
50
65
B1209 LS- W25*
9
27.8
66
B1212 LS- W25
12
20.8
67
B1215 LS- W25*
12
10.8-13.2
15
16.7
66
A2405S- W25
±5
±25
63
A2409S- W25*
±9
±13.8
64
A2412S- W25*
±12
±10.4
65
A2415S- W25*
±15
±8.3
65
B2405 LS- W25
5
50
63
B2409 LS- W25*
9
27.8
63
B2412 LS- W25*
12
20.8
65
B2415 LS- W25*
15
16.7
65
B2424LS- W25*
24
21.6-26.4
24
10.4
64
*Designing.
COMMON SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.1
g
Small Footprint
1KVDC Isolation
SIP Package
Internal SMD Construction
Temperature Range: -40
°C to +85°C
No Heat sink Required
No External Component Required
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The A_S-W25 & B_LS-W25 Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1)
Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2)
Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3)
Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power device
driving circuits.
MODEL SELECTION
B05 05L S-W25
Product Se ries
In put Voltage
Ou tput Volta ge
Package Sty le
Rated Power
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - A1215S-W25

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1215S-1W MORNSUN-A1215S-1W Datasheet
149Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1215S-1WR MORNSUN-A1215S-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1215S-1WR2 MORNSUN-A1215S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1215S-1WR2 MORNSUN-A1215S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1215S-1WR2 MORNSUN-A1215S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
More results

Similar Description - A1215S-W25

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com