Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E0505S-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # E0505S-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0505S-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E0505S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0505S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_S-2W & F_S-2W
A/2-2008
Page 2 of 2
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.2
2
W
(3.3V output)
±1.5
Line regulation
For Vin change
of
±1%
(others output)
±1.2
(3.3V output)
12
20
(5V output)
10
15
(9V output)
8.3
10
(12V output)
6.8
10
Load regulation
10% to 100% load
(15V output)
6.3
10
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple& Noise*
20MHz Bandwidth
75
150
mVp-p
Switching frequency
Full load, nominal input
70
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. Dual output models unbalanced load:
±5%.
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS & PIN CONNECTIONS
Dual Output
Single Output
P in
Single
Dual
FOOTPRINT DETAILS
RECOMMENDED FOOTPRINT
Top view,gri d:2.54*2.54mm(0.1*0.1i nch)
diameter:1.00mm(0.039inch)
Note:
Unit:mm(i nch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pinsection tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm ( 0.010inch)
First An gle P ro je ction
1
5
2
6
7
Vin
GND
-Vo
+Vo
0V
1 2
5 6
1 2
Vin
GND
No pin
+Vo
0V
Side view
Bottom view
5
0.90
(0.035)
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the
minimum output load is not less than 10% of the full load, and that this product should
never be operated under no load! If the actual output power is very small, please
connect a resistor with proper resistance at the output end in parallel to increase the load,
or use our company
’s products with a lower rated output power (E_S-1W&F_S-1W).
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add a
circuit breaker to the circuit.
Recommended circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected to
the input and output ends of the DC/DC converter,
see (Figure 1).
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dual Output
L
Single Output
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and the
frequency of the
“LC” filtering network should be
staggered with the DC/DC frequency to avoid mutual
interference. However, the capacitance of the output
filter capacitor must be proper. If the capacitance is
too big, a startup problem might arise. For every
channel of output, provided the safe and reliable
operation is ensured, the recommended capacitance
of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
5
4.7
3.3/5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
24
1
12
2.2
±12
1
-
-
15
1
±15
1
It
’s not recommended to connect any external capacitor in
the application field with less than 0.5 watt output.
Output
Voltage
Regulation
and
Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series (Figure
2).
Vin
GND
0V
+Vout
DC
DC
-Vout
REG
REG
REG
D ua l Ou tput
Sing le Output
Vin
GND
0V
+Vout
DC
DC
REG
REG
(Figure 2)
No parallel connection or plug and play.


Similar Part No. - E0505S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0505S-2W REICU-E0505S-2W Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0505S-2WR2 MORNSUN-E0505S-2WR2 Datasheet
714Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
E0505S-2WR2 MORNSUN-E0505S-2WR2 Datasheet
319Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E0505S-2WR2 REICU-E0505S-2WR2 Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E0505S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com