Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3M1BSQ12VDC22D Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # A3M1BSQ12VDC22D
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A3M1BSQ12VDC22D Datasheet(HTML) 3 Page - CIT Relay & Switch

  A3M1BSQ12VDC22D Datasheet HTML 1Page - CIT Relay & Switch A3M1BSQ12VDC22D Datasheet HTML 2Page - CIT Relay & Switch A3M1BSQ12VDC22D Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A3
Units = mm
Dimensions A3F
Heavy Duty contacts (2) with Quick Connects
Standard contacts (1) with Quick Connect
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Bottom Views
Schematics, PC Pin Dimensions & PC Layouts
1A
1B
1C
1U
page 82
Dimensions A3M
Units = mm


Similar Part No. - A3M1BSQ12VDC22D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A3M1BSQ12VDC22D CIT-A3M1BSQ12VDC22D Datasheet
139Kb / 4P
   Large switching capacity up to 80A
More results

Similar Description - A3M1BSQ12VDC22D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com