Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT652 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54ABT652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT652 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54ABT652 Datasheet HTML 3Page - Texas Instruments SN54ABT652 Datasheet HTML 4Page - Texas Instruments SN54ABT652 Datasheet HTML 5Page - Texas Instruments SN54ABT652 Datasheet HTML 6Page - Texas Instruments SN54ABT652 Datasheet HTML 7Page - Texas Instruments SN54ABT652 Datasheet HTML 8Page - Texas Instruments SN54ABT652 Datasheet HTML 9Page - Texas Instruments SN54ABT652 Datasheet HTML 10Page - Texas Instruments SN54ABT652 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN54ABT652, SN74ABT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS070D – JULY 1991 – REVISED JULY 1994
2–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT652
SN74ABT652
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MIN
MAX
MIN
MAX
fmax
125
200
125
125
MHz
tPLH
CLK
BorA
2.2
5.3
6.8
2.2
8.2
2.2
7.8
ns
tPHL
CLK
B or A
1.7
5.9
7.4
1.7
8.8
1.7
8.4
ns
tPLH
AorB
BorA
1.5
4.4
5.7
1.5
7
1.5
6.7
ns
tPHL
A or B
B or A
1.5
4.4
5.7
1.5
7
1.5
6.7
ns
tPLH
SAB or SBA†
BorA
1.5
4.6
5.9
1.5
7.4
1.5
6.9
ns
tPHL
SAB or SBA†
B or A
1.5
5.4
6.7
1.5
8
1.5
7.7
ns
tPZH
OEBA
A
1.3
3.3
4.6
1.3
6
1.3
5.8
ns
tPZL
OEBA
A
2.5
4.5
6.8
2.5
8.9
2.5
8.5
ns
tPHZ
OEBA
A
1.5
6.2
7.7
1.5
8.3
1.5
8.2
ns
tPLZ
OEBA
A
1.5
5
6.3
1.5
7.1
1.5
6.8
ns
tPZH
OEAB
B
1.8
3.8
6.1
1.8
6.9
1.8
6.5
ns
tPZL
OEAB
B
2.9
4.9
6.5
2.9
7.6
2.9
7.4
ns
tPHZ
OEAB
B
1.5
4.5
5.7
1.5
7.1
1.5
6.9
ns
tPLZ
OEAB
B
1.5
4.1
5.3
1.5
6.6
1.5
6.2
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT652 TI1-SN54ABT652 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652AFK TI-SN54ABT652AFK Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com