Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF15 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SF15
Description  SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF15 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SF15 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF15 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST RECOVERY RECTIFIER
VOLTAGE RANGE
50 to 600 Volts
SF11 THRU SF18
CURRENT
1.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.012ounce, 0.33grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SF
11
SF
12
SF
13
SF
14
SF
15
SF
16
SF
17
SF
18
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 55℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
0.95
1.25
1.7
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
50
µA
Maximum Reverse Recovery Time
Test conditions IF=0.5A,IR=1.0A,IRR=0.25A
trr
35
ns
Typical Thermal Capavitance
(Measured at 1.0MHz and applied rever voltage of 4.0V)
CJ
15
10
PF
Typical Thermal Resistance(NOTE 1)
RθJA
60
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal resistance from junction to ambient with .375”(9.5mm)lead length, P.C.B. mounted. .
DO-41
DIA.
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
.205(5.2)
.160(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and


Similar Part No. - SF15

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF15 YANGJIE-SF15 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Mospec Semiconductor
SF15 MOSPEC-SF15 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
Microdiode Electronics ...
SF15 CHENDA-SF15 Datasheet
541Kb / 2P
   SUPER FAST RECTIFIER
logo
Leshan Radio Company
SF15 LRC-SF15 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Shenzhen Yixinwei Techn...
SF15 YIXIN-SF15 Datasheet
260Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF15

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com