Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB2415MP-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # VFB2415MP-6W
Description  DIP PACKAGE DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VFB2415MP-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  VFB2415MP-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VFB2415MP-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
VFA_MP-6W & VFB_MP-6W
A/2-2008
Page 1 of 2
VFA_MP-6W & VFB_MP-6W Series
6W, WIDE INPUT, DUAL & SINGLE OUTPUT
DIP PACKAGE DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
VFA1205MP-6W
±5
±600
±60
79
VFA1212MP-6W
±12
±250
±25
80
VFA1215MP-6W
±15
±200
±20
80
VFA1224MP-6W
±24
±125
±13
82
VFB1203MP-6W
3.3
1500
150
78
VFB1205MP-6W
5
1200
120
78
VFB1212MP-6W
12
500
50
82
VFB1215MP-6W
15
400
40
82
VFB1224MP-6W
12
9-18
20
24
250
25
84
VFA2405MP-6W
±5
±600
±60
78
VFA2412MP-6W
±12
±250
±25
82
VFA2415MP-6W
±15
±200
±20
82
VFA2424MP-6W
±24
±125
±13
84
VFB2403MP-6W
3.3
1500
150
76
VFB2405MP-6W
5
1200
120
80
VFB2412MP-6W
12
500
50
83
VFB2415MP-6W
15
400
40
83
VFB2424MP-6W
24
18-36
40
24
250
25
85
VFA4805MP-6W
±5
±600
±60
80
VFA4812MP-6W
±12
±250
±25
83
VFA4815MP-6W
±15
±200
±20
84
VFA4824MP-6W
±24
±125
±13
85
VFB4803MP-6W
3.3
1500
150
79
VFB4805MP-6W
5
1200
120
81
VFB4812MP-6W
12
500
50
82
VFB4815MP-6W
15
400
40
84
VFB4824MP-6W
48
36-75
80
24
250
25
85
* Input voltage can
’t exceed this value, or will cause the permanent damage.
Note:The load shouldn't be less than 10%,otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See below products program
6
W
Line Regulation(at full load) Input voltage from low to high
±0.2
±0.5
Load Regulation
From 10% To 100% load
±0.5
±2*
Positive Voltage Accuracy
Refer to recommended circuit
±1
±3
Negative Voltage Accuracy
Refer to recommended circuit
±3
±5
%
Temperature Drift(Vout)
Refer to recommended circuit
0.02
%/
°C
Ripple**
20MHz bandwidth
30
50
Noise**
20MHz bandwidth
100
300
mVp-p
Switching Frequency
100% load, nominal input voltage
300
KHz
FEATURES
Efficiency up to 85%
Wide (2:1) Input Range
1.5KVDC Input/Output Isolation
Continuous Short Circuit Protection
Operating Temperature: -40
°C to +85°C
Internal SMD construction
Metal Shielding Package
No Heat Sink Required
Industry Standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The VFA_MP-6W & VFB_MP-6W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range (voltage range
≤2:1);
2) Where isolation is necessary between input
and output(Isolation Voltage
≤1500VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
VFA1215MP-6W
Product S eries
Input Voltage
Output Voltage
Package S tyle
Rated P ower
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.


Similar Part No. - VFB2415MP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VFB2405YMD-5W MORNSUN-VFB2405YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - VFB2415MP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA0512SP-2W MORNSUN-WRA0512SP-2W Datasheet
224Kb / 2P
   DIP PACKAGE DC-DC CONVERTER
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com