Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1000 Datasheet(PDF) 1 Page - Faraday Technology

Part # AH1000
Description  ACTIVE HYBRID RECONSTRUCTION FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

AH1000 Datasheet(HTML) 1 Page - Faraday Technology

  AH1000 Datasheet HTML 1Page - Faraday Technology AH1000 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change
without notice
FARA045d
Page 1 of 2
Aug-05(B)
An active hybrid reconstruction filter designed for oversampled PAL or NTSC systems. Tight delay and
amplitude ripple specification make the filter ideal for use in broadcast quality equipment.
1 The AH1000 can be configured for 6 dB gain - ask for details.
Filter Shape
Lowpass
Passband Shape
Sinx/x
Sampling Frequency
27 MHz
Gain
0 dB + 0.1 dB
1
End Of Passband
5.75 MHz
Passband Amplitude Ripple
< 0.2 dB
Start Of Stopband
21.5 MHz
Stopband Attenuation wrt 5.75 MHz
40 dB min
Stopband Measured To
100 MHz
Group Delay Ripple
< 10 ns
Group Delay Bandwidth
5.75 MHz
Delay Time at 200 kHz
30 ns + 2 ns
Typical Current
4 mA per rail
Impedance
input 75
output < 1
Temperature Range
0°C to 70°C
Aqueous Washable
Yes
Package
DR00041A
AH1000
ACTIVE HYBRID
RECONSTRUCTION FILTERS


Similar Part No. - AH1000

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH10 XPPOWER-AH10 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
AH101-G WJCI-AH101-G Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
More results

Similar Description - AH1000

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FL476 FARADAY-FL476 Datasheet
65Kb / 3P
   Multimedia Reconstruction Filters
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
Burr-Brown (TI)
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
   UNIVERSAL ACTIVE FILTERS
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com