Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT651NSR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ABT651NSR
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT651NSR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT651NSR Datasheet HTML 1Page - Texas Instruments SN74ABT651NSR Datasheet HTML 2Page - Texas Instruments SN74ABT651NSR Datasheet HTML 3Page - Texas Instruments SN74ABT651NSR Datasheet HTML 4Page - Texas Instruments SN74ABT651NSR Datasheet HTML 5Page - Texas Instruments SN74ABT651NSR Datasheet HTML 6Page - Texas Instruments SN74ABT651NSR Datasheet HTML 7Page - Texas Instruments SN74ABT651NSR Datasheet HTML 8Page - Texas Instruments SN74ABT651NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ABT651, SN74ABT651
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS083E – JANUARY 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Drive Outputs (–32-mA IOH,
64-mA IOL)
D Multiplexed Real-Time and Stored Data
D Inverting Data Paths
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK), and
Plastic (NT) and Ceramic (JT) DIPs
description
These devices consist of bus-transceiver circuits,
D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Output-enable (OEAB and OEBA) inputs are
provided to control the transceiver functions. The
select-control (SAB and SBA) inputs are provided
to select whether real-time or stored data is
transferred. A low input level selects real-time
data, and a high input level selects stored data.
Figure
1
illustrates
the
four
fundamental
bus-management
functions
that
can
be
performed with the ’ABT651 devices.
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs, regardless of the select- or enable-control pins. When SAB and
SBA are in the real-time transfer mode, it also is possible to store data without using the internal D-type flip-flops
by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input. When all
the other data sources to the two sets of bus lines are at high impedance, each set remains at its last state.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver
(B to A). OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the driver (A to B).
Copyright
© 1998, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
SN54ABT651 . . . FK PACKAGE
(TOP VIEW)
SN54ABT651 . . . JT PACKAGE
SN74ABT651 . . . DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLKAB
SAB
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
32 1
13 14
5
6
7
8
9
10
11
OEBA
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
4
15 16 17 18
28 27 26
12
NC – No internal connection
25
24
23
22
21
20
19


Similar Part No. - SN74ABT651NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT651NSR TI-SN74ABT651NSR Datasheet
242Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT651NSR TI-SN74ABT651NSR Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT651NSRE4 TI-SN74ABT651NSRE4 Datasheet
242Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT651NSRE4 TI-SN74ABT651NSRE4 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT651NSRG4 TI-SN74ABT651NSRG4 Datasheet
242Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT651NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com