Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR104 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SR104
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR104 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SR104 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR104 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Fast switching.
Low forward voltage, high current capability.
Low power loss, high efficiency.
High current surge capability.
250
/10 seconds, 0.375" (9.5mm) lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
 Polarity: Color band denoted cathode end.
Lead: Plastic axial lead, solderable per MIL - STD - 202E
method 208C
Mounting position : Any
Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS SR102 SR103 SR104 SR105 SR106 SR108 UNIT
VRRM






Volts
Maximum RMS Voltage
VRMS






Volts
Maximum DC Blocking Voltage
VDC






Volts
Maximum Average Forward
Rectified Current 0.375"
(9.5mm) lead length at
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
VF
  Volts
Maximum DC Reverse Current at rate
TA = 25

DC blocking voltage (Note 1)
TA
Typical Junction Capacitance (Note 2 )
Cj
pF
Typical Thermal Resistance (Note 3)
R
/W
Operating Temperature Range
TJ

Storage Temperature Range
TSTG

NOTES:
1. Pulse test: 300
s pulse width, 1% duty cycle.
2. Measured at 1MHz and applied reverse voltage of 4.0 volts.
3. Thermal resistance from junction to ambient P.C.B. mounted with 0.375" (9.5mm) lead length with 1.5" x 1.5"
(38 X 38mm) copper pads.
IR
IFSM
High temperature soldering guaranteed:
Maximum Repetitive Peak Reverse Voltage

Amps
I(AV)
mA


Amp
MIC INVESTMENTS (CHINA) COMPANY LIMITED


TL = 75
(SR102-104)
TL = 100
(SR105-
108)

Maximum Instantaneous Forward Voltage at 1.0A
(-65 to +150)
 
 
(-65 to +125)
(-65 to +150)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE
20 to 80 Volts
CURRENT
1.0 Ampere
SR102
THRU
SR108


Similar Part No. - SR104

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR104 MOSPEC-SR104 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR104 LUGUANG-SR104 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR104 JGD-SR104 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
New Jersey Semi-Conduct...
SR104 NJSEMI-SR104 Datasheet
218Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR104 DIODES-SR104 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com