Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR606 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SR606
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR606 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SR606 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR606 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 100 Volts
SR602 THRU SR610
CURRENT
6.0 Ampere
FEATURES
Fast switching speed
Low forward voltage
Low power high efficiency
High surge capability
High temperature soldering guaranteed
250℃/10 seconds,0.373”(9.5mm)lead length
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Plated axial lead, solderable per MIL-STD-202E
method 208C
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.07ounce, 2.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SR602
SR603
SR604
SR605
SR606
SR608
SR610
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Volts
TL = 60℃(SR602-604)
Maximum Average Forward Rectified
Current 0.375”(9.5)Lead length,(Note
1)See Fig..1
TL = 85℃(SR605-610)
I(AV)
6.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Instantaneous Forward Voltage @ 6.0A
VF
0.57
0.70
0.85
Volts
TA = 25℃
1.0
Maximum DC Reverse Current
at rated DC blocking Voltage (Note 1)
TA = 100℃
IR
50
µA
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of
4.0V)
CJ
550
450
350
pF
Typical Thermal Resistance
RθJL
10
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Pulse test:300μs pulse width,1% duty cycle
DIA.
.052(1.3)
.048(1.2)
1.0(25.4)
MIN.
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
DIA.
Dimensions in inches and (millimeters)
R-6
.360(9.1)
.340(8.6)


Similar Part No. - SR606

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR6060CP PACELEADER-SR6060CP Datasheet
200Kb / 1P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR606

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com