Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR4040P Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SR4040P
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR4040P Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SR4040P Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR4040P Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 60 Volts
SR4020P THRU SR4060P
CURRENT
40.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory
Flammability classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-
S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
For use in low voltage, high frequency inverters.
Free wheeling, and polarity protection applications
MECHANICAL DATA
Case: TO-3P molded Plastic
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: as marked
Mounting position: Any
Weight: 0.2ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SR
4020P
SR
4030P
SR
4035P
SR
4040P
SR
4045P
SR
4050P
SR
4060P
SR
4080P
SR40
100P
SR40
150P
SR40
200P
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=90℃
I(AV)
40.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
350
Amps
Maximum Forward Voltage at 20.0A per element
VF
0.65
0.72
0.75
0.85
Volts
TC = 50℃
2.0
Maximum DC Reverse Current
at rated DC Blocking Voltage
per element
TC = 100℃
IR
100
mA
Typical Junction Capacitance Range
CJ
500
pF
Typical Thermal Resistance (Note 1)
RθJC
1.2
/W
Operating Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to Ambient
2.
Measured at VR=4v and f=1MHz
TO-3P(TO-247AD)
Dimensions in inches and (millimeters)


Similar Part No. - SR4040P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR4040PT TSC-SR4040PT Datasheet
100Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4040PT TSC-SR4040PT Datasheet
220Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4040PT TSC-SR4040PT Datasheet
598Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4040PT TSC-SR4040PT Datasheet
215Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SR4040PT HORNBY-SR4040PT Datasheet
276Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR4040P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com