Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD400-AC Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # LD400-AC
Description  LambdaDriver Chassis - DWDM/CWDM Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LD400-AC Datasheet(HTML) 1 Page - MRV Communications, Inc.

  LD400-AC Datasheet HTML 1Page - MRV Communications, Inc. LD400-AC Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LambdaDriver® Chassis - DWDM/CWDM Platform
LD1600
Overview
The LambdaDriver® Optical Transport System is a CWDM/DWDM Optical networking platform providing multifunctional modular solution for Metro,
Regional and Long haul data centric networks.
The Lambda Driver system is capable of carrying all types of services at rates ranging from 8 Mbps to 10Gbps.
The modular architecture and compact size of the system provides unmatched configuration flexibility and scalability.Topologies such as Point-to-Point,
Linear add-drop, Ring and Star are easily implemented.
Several schemes of redundancy such as Y-cabling, 1+1 trunk backup are supported at the service access level and at the trunk level.
All the supported modules are Hot-swappable enabling non-disrupting maintenance and service of the system.
Extensive management capability completes the LambdaDriver® Optical Transport System’ s definition as a high end WDM platform. Remote in-band
access is available through any SNMP-enabled Network Management System (NMS). MRV Communications’ own MegaVision Pro NMS provides a
complete GUI and End-to-End Service Monitoring feature for all LambdaDriver® products.
The LD chassis comes in three ranges for low, medium and high density services coverage. Nominated as LD400/LD800/LD1600 these are 19-inch rack
mountable chassis with modular architecture hosting different types of modules such as Transponders, Mux/DeMux or OADM modules and being
capable of supporting up to 160 DWDM wavelengths.
Two types of WDM modules are defined for the LD platform:
- “Short slot” modules are defined for usage in the LD400/LD800 Chassis or in the LD1600 “short slot” mechanical section
- “Long slot” modules are double length modules normally used in the LD1600 or other chassis supporting “long slot” modules
All modules are hot-swappable and slot independent (except the management modules).
All chassis versions support redundant and hot-swappable AC wide range Power supplies and industry standard DC power supplies. AC and DC power
supplies can be mixed on the same chassis.
Additionally, the LD chassis range includes a set of units that provide solutions for designs requiring passive devices only.
LD1600 is 11.5U high with 2 reserved slots for 2 management cards (main + redundant) and 22 general slots for transponders, OADMs, Mux, etc.
LD800 is a 160W operational load chassis, 4.5U high with 1 reserved slot for Management and 11 general slots for LD800 size modules (transponders
OADMs, Mux, etc.)
LD800P is a high power capacity chassis - 220W operational load - 4.5U high with 1 reserved slot for Management and 11 general slots for LD800 size
modules (transponders OADMs, Mux, etc.)
Note: LD800 and LD800P power supplies are not interchangeable.
LD400 is 2U high with 1 reserve slot for Management and 5 general slots for LD800 size modules (transponders OADMs Muxs etc.)
LPD300 is a 3-slot one U non-powered chassis designed for a standard 19-inch rack with that can handle up to three CWDM/ DWDM OADMs or Mux/
DeMux.
Features
Flexible and Scalable modular architecture
CWDM and DWDM on one system
Multi-protocol support
Scalable design up to 160 protected services per ring
Data rates of up to 10 Gbps
Redundant power supply
NEBS certified
LD800
LD400
Enterprise markets:
- Fast Ethernet 125 Mbps
- Gigabit Ethernet 1.25 Mbps
- Fiber Distributed Data Interface FDDI (125 Mbps)
- 10 Gigabit Ethernet
Carrier markets:
- SONET/SDH/ATM OC-1 to OC-192 and STM-1 to
STM-64
Storage markets:
. Fibre channel: 133 Mbps, 266 Mbps, 531 Mbps,1.062 Gbps, 2.125 Gbps,
4.25Gbps, 10 Gbps
. FICON (IBM Proprietary): 1.0625 Gbps, FICON Express 2.125 Gbps, 4.25Gbps
. ESCON: 200 Mbps
. ETR/CLO (IBM Proprietary): 16 Mbps
Video markets:
. SDI “D1 video” , 270 Mbps
. DV6000 2.38 Gbps
. HDTV 1.483/1.4835 Gbps
LDP300
LambdaDriver Modules
- 8, 16, 32 and 40 channels CWDM/DWDM Multiplexers
and Demultiplexers
- 1 to 8 channels CWDM/DWDM OADM (Optical Add/Drop Multiplexer)
- ROADM – 40 channels reconfigurable OADM
- Optical Amplifiers – EDFA and RAMAN
- Transponders – SFP interface at the Access ports and Trunk ports.
- TDM Sub-rate Muxponders – FE, GE, ESCON, FC, OCx/STMx
- Protection (1+1) and OSC –Optical Service Channel
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - LD400-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD4000 ETC1-LD4000 Datasheet
549Kb / 4P
   PR4/EPR4 Read/Write Controller
logo
LightKey Optoelectronic...
LD40011AB LIGHTKEY-LD40011AB Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
LD40011AD LIGHTKEY-LD40011AD Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
LD40011AG LIGHTKEY-LD40011AG Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
LD40011AO LIGHTKEY-LD40011AO Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD400-AC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-735E-IO ADVANTECH-MIC-735E-IO Datasheet
714Kb / 2P
   NVIDIA IGX Platform for Enterprise Server Tower Chassis
29-May-2023
logo
MRV Communications, Inc...
EM2009-EM4 MRV-EM2009-EM4 Datasheet
515Kb / 2P
   LambdaDriver 4xESCON Muxponder Module (EM2009-EM4)
logo
Advantech Co., Ltd.
MIC-735I-IO ADVANTECH-MIC-735I-IO Datasheet
754Kb / 2P
   NVIDIA IGX Platform for Short Depth 4U Front Access Chassis
29-May-2023
MIC-735M-IO ADVANTECH-MIC-735M-IO Datasheet
530Kb / 2P
   NVIDIA IGX Platform for Medical Grade Edge AI Small Tower Chassis
29-May-2023
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
logo
Finisar Corporation.
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
MRV Communications, Inc...
TM2-SFP4G MRV-TM2-SFP4G Datasheet
1Mb / 2P
   LambdaDriver Multi-rate Module (TM2-SFP4G)
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com