Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF1630 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRF1630
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF1630 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRF1630 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF1630 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SRF1620 THRU SRF16200
CURRENT
16.0 Amperes
FEATURES
Metal of silicon rectifier, majority carrier conduction
Guard ring for transient protection
Low power loss, high efficiency
High current capability low VF
High surge capacity
Plastic package has UL flammability classification
94V-O
For use in low voltage, high frequency inverters.
Free wheeling, and polarlity protection applications
MECHANICAL DATA
Case: ITO-220AC full molded plastic
Polarity: As marked on the body
Weight: 0.08 ounces, 2.24 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SRF
1620
SRF
1630
SRF
1635
SRF
1640
SRF
1645
SRF
1650
SRF
1660
SRF
1680
SRF
16100
SRF
16150
SRF
16200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified
Current(See Fig.1) @Tc=100℃
I(AV)
16.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage
(NOTE1)IF=16A@TJ=25℃
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current
at rated DC Blocking Voltage
TC = 100℃
IR
100
mA
Typical Thermal Resistance (Note 2)
CJ
500
pF
Typical Junction Capacitance(Note3)
RθJC
2.0
/W
Operating and Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to Case
2.
300μs Pulse width,2% duty cycle
3.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Dimensions in inches and (millimeters)
ITO-220AC


Similar Part No. - SRF1630

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF1630 CHENYI-SRF1630 Datasheet
138Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF1630 TSC-SRF1630 Datasheet
112Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SRF1630 TSC-SRF1630 Datasheet
205Kb / 2P
   Isolated 16.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SRF1630 JINANJINGHENG-SRF1630 Datasheet
74Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF1630 TSC-SRF1630 Datasheet
193Kb / 2P
   16.0AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - SRF1630

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com