Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-10GD-SX Datasheet(PDF) 5 Page - MRV Communications, Inc.

Part # SFP-10GD-SX
Description  10 Gbps 850 nm Multi-mode SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-10GD-SX Datasheet(HTML) 5 Page - MRV Communications, Inc.

  SFP-10GD-SX Datasheet HTML 1Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 2Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 3Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 4Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Datasheet
MRV-OP-SFP10GDSX-082708
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
3020051-001 Rev. A1
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff St.
295 Foster St.
Business Park Moerfelden
Chatsworth, CA 91311
Littleton, MA 01460
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-952-4700
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Ordering Information
SFP-10GD-SX
SFP+ Transceiver Multi-Mode
9.95 - 10.52 Gbps
850
Beige
0 -300*
*On 2000 MHZ-km multi-mode fiber
Mechanical Dimensions
Mechanical Specifications
MRV’s SFP-10GD-SX SFP+ transceivers are compatible with the SFF-8432 specification for improved pluggable form-factor.
The bail color is beige.


Similar Part No. - SFP-10GD-SX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-10GD-LR MRV-SFP-10GD-LR Datasheet
98Kb / 5P
   10 Gbps 10 km Single-Mode SFP Transceiver
More results

Similar Description - SFP-10GD-SX

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100G OPTOWAY-SPM-9100G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 2.5 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-4100G OPTOWAY-SPM-4100G Datasheet
170Kb / 5P
   3.3V / 850 nm / 8.5 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-8100G OPTOWAY-SPM-8100G Datasheet
144Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-9100FG OPTOWAY-SPM-9100FG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com